Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT15U100SP5 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBRT15U100SP5
Description  15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT15U100SP5 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBRT15U100SP5_15 Datasheet HTML 1Page - Diodes Incorporated SBRT15U100SP5_15 Datasheet HTML 2Page - Diodes Incorporated SBRT15U100SP5_15 Datasheet HTML 3Page - Diodes Incorporated SBRT15U100SP5_15 Datasheet HTML 4Page - Diodes Incorporated SBRT15U100SP5_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWERDI are registered trademarks of Diodes Incorporated.
SBRT15U100SP5
Document number: DS36524 Rev. 5 - 2
2 of 5
www.diodes.com
April 2015
© Diodes Incorporated
SBRT15U100SP5
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
100
V
Average Rectified Output Current
IO
15
A
Non-Repetitive Peak Forward Surge Current 8.3mS
IFSM
250
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 6)
RθJA
15
°C/W
Typical Thermal Resistance Junction to Lead (Note 6)
RθJC
1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Notes:
6. Device with additional heatsink, (copper pad on aluminum substrate 30mm*30mm + Aluminum heatsink 50mm*50mm*22mm).
7. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
0.44
0.59
0.64
0.56
0.65
0.70
0.64
V
IF =5A, TJ = +25°C
IF =12A, TJ = +25°C
IF =15A, TJ = +25°C
IF =15A, TJ = +125°C
Leakage Current (Note 7)
IR
40
250
15
μA
mA
VR = 100V , TJ = +25°C
VR = 100V , TJ = +125°C


Similar Part No. - SBRT15U100SP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT15U100SP5-13 DIODES-SBRT15U100SP5-13 Datasheet
314Kb / 5P
   15A Trench SBR TRENCH SUPER BARRIER RECTIFIER PowerDI5
SBRT15U100SP5-13D DIODES-SBRT15U100SP5-13D Datasheet
314Kb / 5P
   15A Trench SBR TRENCH SUPER BARRIER RECTIFIER PowerDI5
More results

Similar Description - SBRT15U100SP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT15U50SP5 DIODES-SBRT15U50SP5_15 Datasheet
463Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15M50AP5 DIODES-SBRT15M50AP5_15 Datasheet
230Kb / 4P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT20U60SP5 DIODES-SBRT20U60SP5_15 Datasheet
466Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT20M60SP5 DIODES-SBRT20M60SP5_15 Datasheet
464Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15M50AP5 DIODES-SBRT15M50AP5 Datasheet
445Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER PowerDI5
January 2020
SBR15U50SP5 DIODES-SBR15U50SP5_15 Datasheet
210Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR15U30SP5Q DIODES-SBR15U30SP5Q_15 Datasheet
239Kb / 6P
   SUPER BARRIER RECTIFIER 15A SBR짰 POWERDI짰5
SBR15A30SP5 DIODES-SBR15A30SP5_15 Datasheet
211Kb / 6P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBRT3M60SA DIODES-SBRT3M60SA_15 Datasheet
507Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT4M30LP DIODES-SBRT4M30LP_15 Datasheet
375Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com