Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT20U50SLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBRT20U50SLP
Description  20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT20U50SLP Datasheet(HTML) 1 Page - Diodes Incorporated

  SBRT20U50SLP_15 Datasheet HTML 1Page - Diodes Incorporated SBRT20U50SLP_15 Datasheet HTML 2Page - Diodes Incorporated SBRT20U50SLP_15 Datasheet HTML 3Page - Diodes Incorporated SBRT20U50SLP_15 Datasheet HTML 4Page - Diodes Incorporated SBRT20U50SLP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWERDI are registered trademarks of Diodes Incorporated.
SBRT20U50SLP
Document number: DS36248 Rev. 5 - 2
1 of 5
www.diodes.com
February 2015
© Diodes Incorporated
SBRT20U50SLP
ANODE PINS
Note: All four anode pins must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
20A TrenchSBR
TRENCH SUPER BARRIER RECTIFIER
POWERDI
®5060
Product Summary
VRRM (V)
IO (A)
VF(MAX) (V)
@ +25°C
IR(MAX) (mA)
@ +25°C
50
20
0.5
0.5
Description and Applications
Packaged in the compact thermally efficient POWERDI5060-8
package, the SBRT20U50SLP provides very low VF and excellent
reverse leakage stability at high temperatures. It is ideal for use as a
rectifier, freewheel diode or blocking diode in:
DC-DC Converters
AC-DC Adaptors
Features and Benefits
Reduced ultra-low forward voltage drop (VF); Better efficiency
and cooler operation.
Reduced high temperature reverse leakage; Increased reliability
against thermal runaway failure in high temperature operation.
Less than 1.1mm package profile
– ideal for thin applications.
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI5060-8
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: 0.097 grams (Approximate)
Top View
Bottom View
Ordering Information (Note 4)
Part Number
Case
Packaging
SBRT20U50SLP-13
POWERDI5060-8
2,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
POWERDI5060-8
A
A
A
A
C
C
C
C
Pin1
1
SBRT20U50 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 15 = 2015)
WW = Week (01-53)
SBRT20U50
YYWW
Green
POWERDI5060-8


Similar Part No. - SBRT20U50SLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20U50SLP-13 DIODES-SBRT20U50SLP-13 Datasheet
545Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
February 2015
More results

Similar Description - SBRT20U50SLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20M80SLP DIODES-SBRT20M80SLP_15 Datasheet
399Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U50SLPQ DIODES-SBRT20U50SLPQ_15 Datasheet
337Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25U60SLP DIODES-SBRT25U60SLP_15 Datasheet
399Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25U50SLP DIODES-SBRT25U50SLP_15 Datasheet
398Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25U80SLP DIODES-SBRT25U80SLP_15 Datasheet
389Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25M50SLP DIODES-SBRT25M50SLP_15 Datasheet
399Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25M60SLP DIODES-SBRT25M60SLP_15 Datasheet
313Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U100SLP DIODES-SBRT20U100SLP_15 Datasheet
181Kb / 5P
   20A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20V60CT DIODES-SBRT20V60CT Datasheet
143Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT20M60CT DIODES-SBRT20M60CT Datasheet
209Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com