Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT20M60SP5-7D(Note5) Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBRT20M60SP5-7D(Note5)
Description  20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT20M60SP5-7D(Note5) Datasheet(HTML) 3 Page - Diodes Incorporated

  SBRT20M60SP5-7D(Note5) Datasheet HTML 1Page - Diodes Incorporated SBRT20M60SP5-7D(Note5) Datasheet HTML 2Page - Diodes Incorporated SBRT20M60SP5-7D(Note5) Datasheet HTML 3Page - Diodes Incorporated SBRT20M60SP5-7D(Note5) Datasheet HTML 4Page - Diodes Incorporated SBRT20M60SP5-7D(Note5) Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POWERDI are registered trademarks of Diodes Incorporated.
SBRT20M60SP5
Document number: DS36826 Rev. 4 - 2
3 of 5
www.diodes.com
April 2015
© Diodes Incorporated
SBRT20M60SP5
0
2
4
6
8
10
12
14
0
5
10
15
20
25
T = 150
J
I
AVERAGE RECTIFIED OUTPUT CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V , DC REVERSE VOLTAGE (V)
R
Figure 4 Total Capacitance vs. Reverse Voltage
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
f = 1MHz
0
5
10
15
20
25
25
50
75
100
125
150
Figure 5 DC Forward Current Derating Curve
T , LEAD TEMPERATURE (°C)
L
Note 6


Similar Part No. - SBRT20M60SP5-7D(Note5)

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20M60SP5-7D DIODES-SBRT20M60SP5-7D Datasheet
464Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5
April 2015
More results

Similar Description - SBRT20M60SP5-7D(Note5)

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20U60SP5 DIODES-SBRT20U60SP5_15 Datasheet
466Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15U50SP5 DIODES-SBRT15U50SP5_15 Datasheet
463Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15M50AP5 DIODES-SBRT15M50AP5_15 Datasheet
230Kb / 4P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15U100SP5 DIODES-SBRT15U100SP5_15 Datasheet
464Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT20V60CT DIODES-SBRT20V60CT Datasheet
143Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT20M60CT DIODES-SBRT20M60CT Datasheet
209Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT20V45CT DIODES-SBRT20V45CT Datasheet
106Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT20U50SLPQ DIODES-SBRT20U50SLPQ_15 Datasheet
337Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20M80SLP DIODES-SBRT20M80SLP_15 Datasheet
399Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U50SLP DIODES-SBRT20U50SLP_15 Datasheet
545Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com