Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT40V100CTFP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBRT40V100CTFP
Description  40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT40V100CTFP Datasheet(HTML) 4 Page - Diodes Incorporated

  SBRT40V100CTFP Datasheet HTML 1Page - Diodes Incorporated SBRT40V100CTFP Datasheet HTML 2Page - Diodes Incorporated SBRT40V100CTFP Datasheet HTML 3Page - Diodes Incorporated SBRT40V100CTFP Datasheet HTML 4Page - Diodes Incorporated SBRT40V100CTFP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBRT40V100
Document number: DS36246 Rev. 7 - 2
4 of 5
www.diodes.com
April 2015
© Diodes Incorporated
SBRT40V100CT
SBRT40V100CTFP
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version
E
Q
D1
D
ØP
L1
L
e
b
A1
A
H1
c
A2
b2
H1
D2
E1
e1
E/2
L2
TO220AB
Dim Min
Max
Typ
A
3.56
4.82
-
A1
0.51
1.39
-
A2
2.04
2.92
-
b
0.39
1.01
0.81
b2
1.15
1.77
1.24
c
0.356 0.61
-
D
14.22 16.51
-
D1
8.39
9.01
-
D2 11.45 12.87
-
e
-
-
2.54
e1
-
-
5.08
E
9.66 10.66
-
E1
6.86
8.89
-
H1
5.85
6.85
-
L
12.70 14.73
-
L1
-
6.35
-
L2 15.80 16.20 16.00
P
3.54
4.08
-
Q
2.54
3.42
-
All Dimensions in mm
ITO-220AB
Dim
Min
Typ
Max
A
4.50
4.70
4.90
A1
3.04
3.24
3.44
A2
2.56
2.76
2.96
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
c
0.50
0.60
0.70
D
15.67 15.87 16.07
D1
8.99
9.19
9.39
e
2.54
E
9.91 10.11 10.31
L
9.45
9.75 10.05
L1
15.80 16.00 16.20
P
2.98
3.18
3.38
Q
3.10
3.30
3.50
All Dimensions in mm
SECTION B-B
ØP
E
Q
D1
D
ØP
b1 3x
L
e
L1
B
A
A1
A2
c
°
°
°
e
B
b 3x


Similar Part No. - SBRT40V100CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT40V100CTFP DIODES-SBRT40V100CTFP Datasheet
277Kb / 6P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
More results

Similar Description - SBRT40V100CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT40M80CTB DIODES-SBRT40M80CTB Datasheet
628Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT40V100CT DIODES-SBRT40V100CT_16 Datasheet
277Kb / 6P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT05U10LP DIODES-SBRT05U10LP Datasheet
194Kb / 5P
   0.5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U20LP DIODES-SBRT6U20LP Datasheet
212Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT5A50SA DIODES-SBRT5A50SA Datasheet
224Kb / 5P
   5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U10LP DIODES-SBRT6U10LP Datasheet
259Kb / 6P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U45LP DIODES-SBRT6U45LP Datasheet
260Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT3U60SAF DIODES-SBRT3U60SAF Datasheet
340Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER
May 2016
SBRT05U20LPS DIODES-SBRT05U20LPS Datasheet
303Kb / 5P
   0.5A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
March 2017
SBRT3U40P1 DIODES-SBRT3U40P1 Datasheet
766Kb / 5P
   3A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER PowerDI123
September 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com