Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGZ10DCFH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # EGZ10DCFH
Description  GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

EGZ10DCFH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  EGZ10DCFH Datasheet HTML 1Page - Zowie Technology Corporation EGZ10DCFH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EGZ10DCFH THRU EGZ10JCFH
GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
Reverse Voltage - 200 to 600 Volts
Forward Current - 10 Amperes
FEATURES
MECHANICAL DATA
Case : JEDEC ITO-220AB molded plastic body
Terminals : Plated Leads, solderable per
MIL-STD-750, Method 2026
Polarity : Molded on body
Mounting Position : Any
Weight : 2.24 grams(Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
SYMBOLS
UNITS
Volts
Volts
Volts
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Operating junction and storage temperature range
TJ,TSTG
Zowie Technology Corporation
REV. 2
*Dimensions in inches and (millimeters)
Maximum DC blocking voltage
VDC
EGZ10GCFH
400
280
400
EGZ10DCFH
200
140
200
EGZ10JCFH
600
420
600
Maximum average forward rectified current See Fig. 1
I (AV)
Amps
10
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
IFSM
Amps
125
Maximum DC reverse current
at rated DC blocking voltage
IR
@TA=25℃
uA
5
Typical junction capacitance (Note 2)
CJ
pF
65
Maximum reverse recovery time (NOTE 1)
trr
nS
50
75
-65 to +175
Maximum instantaneous forward voltage at IF = 5 A
VF
1.25
1.70
1.00
Volts
PATENTED
TM
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Halogen-free type
* Lead free product, compliance to RoHS
* Low forward voltage, high current capability
* Low leakage current
* High surge current capability
* Plastic Material-UL Recognition Flammability
Classification 94V-0
1
2
3
Note : 1. Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
3. Preliminary draft.
ITO-220AB
0.413(10.50)
0.374(9.50)
0.114(2.90)
0.118(3.0)
MIN.
1
2
3
0.098(2.50)
0.161(4.10)
MAX.
0.043(1.10)
0.019(0.50)
0.106(2.70)
0.087(2.20)
0.055(1.40)
0.039(1.00)
0.130(3.30)
0.091(2.30)
0.193(4.90)
0.165(4.20)
0.031(0.80)
0.016(0.40)
0.138(3.50)
MAX.


Similar Part No. - EGZ10DCFH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGZ10DCF ZOWIE-EGZ10DCF Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
More results

Similar Description - EGZ10DCFH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGZ20DCF ZOWIE-EGZ20DCF Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ20DCFH ZOWIE-EGZ20DCFH Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ16DCT ZOWIE-EGZ16DCT Datasheet
65Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ16DCTH ZOWIE-EGZ16DCTH Datasheet
65Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ10DCTH ZOWIE-EGZ10DCTH Datasheet
65Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ12DCF ZOWIE-EGZ12DCF Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ16DCFH ZOWIE-EGZ16DCFH Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ12DCTH ZOWIE-EGZ12DCTH Datasheet
65Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ10DCT ZOWIE-EGZ10DCT Datasheet
65Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
EGZ20DCT ZOWIE-EGZ20DCT Datasheet
65Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com