Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30150CTFP-JT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR30150CTFP-JT
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30150CTFP-JT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR30150CTFP-JT Datasheet HTML 1Page - Diodes Incorporated SBR30150CTFP-JT Datasheet HTML 2Page - Diodes Incorporated SBR30150CTFP-JT Datasheet HTML 3Page - Diodes Incorporated SBR30150CTFP-JT Datasheet HTML 4Page - Diodes Incorporated SBR30150CTFP-JT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30150
Document number: DS30971 Rev. 7 - 2
1 of 5
www.diodes.com
August 2012
© Diodes Incorporated
SBR30150CT
SBR30150CTFP
30A SBR
®
SUPER BARRIER RECTIFIER
Features
Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Also Available in Green Molding Compound (Note 4)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO-220AB, ITO-220AB
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: TO-220AB – 1.85 grams (approximate)
ITO-220AB – 1.65 grams (approximate)
Ordering Information (Notes 4 and 5)
Part Number
Case
Packaging
Pb
SBR30150CT
TO-220AB
50 pieces/tube
Green
SBR30150CT-G
TO-220AB
50 pieces/tube
Pb
SBR30150CTFP
ITO-220AB
50 pieces/tube
Green
SBR30150CTFP-G
ITO-220AB
50 pieces/tube
Pb
SBR30150CTFP-JT
ITO-220AB (Alternate)
50 pieces/tube
Green
SBR30150CTFP-JT-G
ITO-220AB (Alternate)
50 pieces/tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR30150CT-G.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Package Pin-Out
Configuration
TO-220AB
Top View
ITO-220AB
Top View
TO-220AB
Bottom View
ITO-220AB
Bottom View
SBR30150CTFP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 06 = 2006)
WW = Week (01 - 53)
SBR30150CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 06 = 2006)
WW = Week (01 - 53)
YYWW
AB
SBR30150CTFP
SBR30150CT
YYWW
AB


Similar Part No. - SBR30150CTFP-JT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30150CTFP DIODES-SBR30150CTFP Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30150 Rev. 2
SBR30150CTFP DIODES-SBR30150CTFP Datasheet
170Kb / 3P
   30A SBR짰 SUPER BARRIER RECTIFIER
DS30971 Rev. 3 - 2
logo
Inchange Semiconductor ...
SBR30150CTFP ISC-SBR30150CTFP Datasheet
251Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - SBR30150CTFP-JT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com