Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1171 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN1171
Description  Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1171 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN1171 Datasheet HTML 7Page - STMicroelectronics TN1171 Datasheet HTML 8Page - STMicroelectronics TN1171 Datasheet HTML 9Page - STMicroelectronics TN1171 Datasheet HTML 10Page - STMicroelectronics TN1171 Datasheet HTML 11Page - STMicroelectronics TN1171 Datasheet HTML 12Page - STMicroelectronics TN1171 Datasheet HTML 13Page - STMicroelectronics TN1171 Datasheet HTML 14Page - STMicroelectronics TN1171 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID026092 Rev 3
11/26
TN1171
Packing specifications and labeling description
26
The peeling force of the cover tape ranging from 0.1 N to 0.7 N in accordance with the
testing method EIA-481-C and IEC 60286-3. Cover tape is peeled back in the direction
opposite to the carrier tape travel. The angle between the cover tape and the carrier tape is
between 165 and 180 °, and the test is performed at a speed of 120 ± 10 % mm/min.
4.3
Reels
The sealed carrier tape containing the DFN is reeled on 7-inch reels (see Figure 10 and
Table 4 for reel mechanical dimensions). These reels are compliant with EIA-481-C
standard. In particular, they are made of an antistatic polystyrene material. The reel color
may vary depending on supplier.
Dice quantity per reel is 2500. A reel may contain devices coming from 2 different wafer lots.
The reels have a minimum leader of 600 mm and a minimum trailer of 160 mm (in
compliance with EIA-481-C and IEC 60286-3 standards). The leader makes up a portion of
carrier tape with empty cavities and sealed by cover tape at the beginning of the reel
(external side). It is affixed to the last turn of the carrier tape by using adhesive tape. The
trailer is located at the end of the reel and consists of empty sealed cavities.
Figure 10. 7-inch reel schematics


Similar Part No. - TN1171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
TN1176 STMICROELECTRONICS-TN1176 Datasheet
270Kb / 15P
   To ease the development of STM32 microcontroller applications
TN1177 STMICROELECTRONICS-TN1177 Datasheet
232Kb / 12P
   To ease the development of STM32 microcontroller applications
TN1178 STMICROELECTRONICS-TN1178 Datasheet
231Kb / 13P
   To ease the development of STM32 microcontroller applications
More results

Similar Description - TN1171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
   Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
   Description of WLCSP for microcontrollers and recommendations for use
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
AN2348 STMICROELECTRONICS-AN2348 Datasheet
267Kb / 17P
   package description and recommendations for use
logo
PhaseLink Corporation
TB502 PLL-TB502 Datasheet
44Kb / 1P
   Test Board for chip evaluation and Layout recommendations
logo
Silicon Laboratories
AN583 SILABS-AN583 Datasheet
347Kb / 11P
   Safety Considerations and Layout Recommendations for Digital Isolators
logo
PhaseLink Corporation
TB502-3X-520-XX PLL-TB502-3X-520-XX Datasheet
43Kb / 2P
   Test Board for chip evaluation and Layout recommendations
logo
NXP Semiconductors
AN11689 NXP-AN11689 Datasheet
1Mb / 18P
   Recommendations for PCB assembly of DSN1006
Rev. 1-29 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com