Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1032E-100LJ Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI1032E-100LJ
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032E-100LJ Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI1032E-100LJ Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 10Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 11Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 12Page - Lattice Semiconductor ISPLSI1032E-100LJ Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Specifications ispLSI 1032E
Internal Timing Parameters1
tob
1. Internal Timing Parameters are not tested and are for reference only.
Table 2-0037A/1032E
Outputs
UNITS
-100
MIN.
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAM.
49 Output Buffer Delay
ns
toen
51 I/O Cell OE to Output Enabled
ns
tgy0
54 Clk Delay, Y0 to Global GLB Clk Line (Ref. clk)
ns
Global Reset
Clocks
tgr
59 Global Reset to GLB and I/O Registers
ns
todis
52 I/O Cell OE to Output Disabled
ns
tgy1/2
55 Clk Delay, Y1 or Y2 to Global GLB Clk Line
ns
tgcp
56 Clk Delay, Clock GLB to Global GLB Clk Line
ns
tioy2/3
57 Clk Delay, Y2 or Y3 to I/O Cell Global Clk Line
ns
tiocp
58 Clk Delay, Clk GLB to I/O Cell Global Clk Line
ns
tgoe
53 Global OE
ns
tsl
50 Output Buffer Delay, Slew Limited Adder
ns
-125
1.5
1.5
0.8
0.0
0.8
2.0
5.1
1.5
4.3
5.1
1.5
1.8
0.0
1.8
3.9
10.0
1.4
1.4
0.8
0.0
0.8
1.3
4.3
1.4
2.8
4.3
1.4
1.8
0.0
1.8
2.7
9.9


Similar Part No. - ISPLSI1032E-100LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032E-100LJ LATTICE-ISPLSI1032E-100LJ Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISPLSI1032E-100LJ LATTICE-ISPLSI1032E-100LJ Datasheet
301Kb / 17P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032E-100LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com