Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1048C Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # 1048C
Description  In-System Programmable High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1048C Datasheet(HTML) 5 Page - Lattice Semiconductor

  1048C Datasheet HTML 1Page - Lattice Semiconductor 1048C Datasheet HTML 2Page - Lattice Semiconductor 1048C Datasheet HTML 3Page - Lattice Semiconductor 1048C Datasheet HTML 4Page - Lattice Semiconductor 1048C Datasheet HTML 5Page - Lattice Semiconductor 1048C Datasheet HTML 6Page - Lattice Semiconductor 1048C Datasheet HTML 7Page - Lattice Semiconductor 1048C Datasheet HTML 8Page - Lattice Semiconductor 1048C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications ispLSI 1048C/883
5
External Timing Parameters
Over Recommended Operating Conditions
tpd1
tpd2
fmax (Int.)
fmax (Ext.)
fmax (Tog.)
tsu1
tco1
th1
tsu2
tco2
th2
tr1
trw1
tptoeen
tptoedis
tgoeen
tgoedis
twh
twl
tsu3
th3
Data Propagation Delay, 4PT bypass, ORP bypass
Data Propagation Delay
Clock Frequency with Internal Feedback3
Clock Frequency with External Feedback
Clock Frequency, Max Toggle
GLB Reg. Setup Time before Clock, 4PT bypass
GLB Reg. Clock to Output Delay, ORP bypass
GLB Reg. Hold Time after Clock, 4 PT bypass
GLB Reg. Setup Time before Clock
GLB Reg. Clock to Output Delay
GLB Reg. Hold Time after Clock
Ext. Reset Pin to Output Delay
Ext. Reset Pulse Duration
Input to Output Enable
Input to Output Disable
Global OE Output Enable
Global OE Output Disable
Ext. Sync. Clock Pulse Duration, High
Ext. Sync. Clock Pulse Duration, Low
I/O Reg. Setup Time before Ext. Sync. Clock (Y2, Y3)
I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
20
21
22
23
A
A
A
A
A
B
C
B
C
DESCRIPTION1
PARAMETER
#
2
-50
MAX.
22.0
26.0
14.0
16.0
20.5
27.5
27.5
20.5
20.5
ns
ns
MHz
MHz
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
MIN.
UNITS
Table 2- 0030-48C/50 mil
50.3
34.5
58.8
13.0
0
15.0
0
13.5
8.5
8.5
3.0
9.0
1. Unless noted otherwise, all parameters use a GRP load of 4 GLBs, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-Bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
(
)
1
twh + tw1
(
)
1
tsu2 + tco1
TEST 4
COND.


Similar Part No. - 1048C

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
247Kb / 1P
   DUAL SM BATTERY HOLDER
8.19.10
logo
List of Unclassifed Man...
10480 ETC-10480 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10480 HEYCO-10480 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
SICK AG
1048004 SICK-1048004 Datasheet
514Kb / 8P
   3D VISION
logo
ERNI Electronics
104802070001 ERNI-104802070001 Datasheet
54Kb / 1P
   F 2,54 SRC-A, 6-polig BA 2
More results

Similar Description - 1048C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com