Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63823-2800 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63823-2800
Description  Hand Crimp Tool for Female Flat Blade Crimp Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63823-2800 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63823-2800 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63823-2800
Status:
Active
Description:
Hand Crimp Tool for Female Flat Blade Crimp Terminals
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above. Type: 4A
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
884982370838
Physical
Net Weight
439.200/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-6382328HM, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
43375 Sabre Female Flat Blade Crimp
Terminals, 18-20 AWG, UL1056 and SPT-3
Wires
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63823-2800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-2800 MOLEX-63823-2800 Datasheet
366Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
08-24-10
More results

Similar Description - 63823-2800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-2500 MOLEX11-63823-2500 Datasheet
38Kb / 1P
   Hand Crimp Tool for Female Flat Blade Crimp Terminals
63823-2700 MOLEX11-63823-2700 Datasheet
38Kb / 1P
   Hand Crimp Tool for Female Flat Blade Crimp Terminals
63823-2600 MOLEX11-63823-2600 Datasheet
39Kb / 1P
   Hand Crimp Tool for Female Flat Blade Crimp Terminals
ATS-011010101 MOLEX-ATS-011010101 Datasheet
154Kb / 5P
   Hand Crimp Tool for Flat Blade Female Crimp Terminals
04-21-08
0638232600 MOLEX-0638232600 Datasheet
34Kb / 1P
   Hand Crimp Tool for Female Flat Blade Crimp Terminals
11/02/2021
ATS-6382325HM MOLEX-ATS-6382325HM Datasheet
392Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
10-13-10
ATS-638117300 MOLEX-ATS-638117300 Datasheet
323Kb / 6P
   Hand Crimp Tool for Sabre??Female Flat Blade Crimp Terminals
02-03-09
ATS-6382328HM MOLEX-ATS-6382328HM Datasheet
366Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
08-24-10
63823-2570 MOLEX-63823-2570 Datasheet
392Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
10-13-10
ATS-6382327HM MOLEX-ATS-6382327HM Datasheet
392Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
10-13-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com