Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPGDX160VA-3B208 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPGDX160VA-3B208
Description  In-System Programmable 3.3V Generic Digital CrosspointTM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX160VA-3B208 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPGDX160VA-3B208 Datasheet HTML 1Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 2Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 3Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
Specifications ispGDX160V/VA
B20
B21
B22
B23
D16
D17
D18
D19
D20
D21
D22
D23
B16
B17
B18
B19
B22
B23
B24
B25
D18
D19
D20
D21
D18
D19
D20
D21
B14
B15
B16
B17
B21
B22
B23
B24
D17
D18
D19
D20
D19
D20
D21
D22
B15
B16
B17
B18
B19
B20
B21
B22
D15
D16
D17
D18
D21
D22
D23
D24
B17
B18
B19
B20
B18
B19
B20
B21
D14
D15
D16
D17
D22
D23
D24
D25
B18
B19
B20
B21
Data D/
MUXOUT
Data C/
MUXOUT
Data B/
MUXOUT
Data A/
MUXOUT
Reflected
I/O Cells
Normal
I/O Cells
Table 2. Adjacent I/O Cells (Mapping of
ispGDX160V/VA)
It can be seen from Figure 3 that if the D21 adjacent I/O
cell is used, the I/O group “A” input is no longer available
as a direct MUX input.
The ispGDXV/VA can implement MUXes up to 16 bits
wide in a single level of logic, but care must be taken
when combining adjacent I/O cell outputs with direct
MUX inputs. Any particular combination of adjacent I/O
cells as MUX inputs will dictate what I/O groups (A, B, C
or D) can be routed to the remaining inputs. By properly
choosing the adjacent I/O cells, all of the MUX inputs can
be utilized.
S0
S1
4 x 4
Crossbar
Switch
.m0
.m1
.m2
.m3
D23
I/O Group A
D21 MUX Out
I/O Group B
D22 MUX Out
I/O Group C
D24 MUX Out
I/O Group D
D25 MUX Out
ispGDX160V/VA I/O Cell
Figure 3. Adjacent I/O Cells vs. Direct Input Path for
ispGDX160V/VA, I/O D23
Special Features
Slew Rate Control
All output buffers contain a programmable slew rate
control that provides software-selectable slew rate op-
tions.
Open Drain Control
All output buffers provide a programmable Open-Drain
option which allows the user to drive system level reset,
interrupt and enable/disable lines directly without the
need for an off-chip Open-Drain or Open-Collector buffer.
Wire-OR logic functions can be performed at the printed
circuit board level.
Pull-up Resistor
All pins have a programmable active pull-up. A typical
resistor value for the pull-up ranges from 50k
Ω to 80kΩ.
Output Latch (Bus Hold)
All pins have a programmable circuit that weakly holds
the previously driven state when all drivers connected to
the pin (including the pin's output driver as well as any
other devices connected to the pin by external bus) are
tristated.
ispGDX160VA New Features
Unique to the ispGDX160VA are user-programmable
I/Os supporting either 3.3V or 2.5V output voltage level
options. The ispGDX160VA uses a VCCIO pin to provide
the 2.5V reference voltage when used. The ispGDX160VA
VCCIO pin occupies the same location as VCC on the
ispGDX160V, allowing drop-in replacement. The
ispGDX160VA offers improved performance by reducing
fanout delays and has PCI compatible drive capability.
Only the ispGDX160VA is available in the fastest (3.5ns)
Commercial speed grade and in -5,-7, and -9ns Industrial
grades in all packages.
The ispGDX160VA has a device ID different from the
ispGDX160V requiring that the latest Lattice download
software be used for programming and verification. Al-
though the ispGDX160VA and ispGDX160V are
functionally equivalent, they are not 100% JEDEC com-
patible. All design files must be recompiled targeting the
ispGDX160VA.


Similar Part No. - ISPGDX160VA-3B208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ispGDX160VA-3B208 LATTICE-ispGDX160VA-3B208 Datasheet
572Kb / 36P
   ispGDX짰160V/VA Device Datasheet
More results

Similar Description - ISPGDX160VA-3B208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDXTMFAMILY LATTICE-ISPGDXTMFAMILY Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com