Electronic Components Datasheet Search |
|
ISPGDX160VA-3B272 Datasheet(PDF) 9 Page - Lattice Semiconductor |
|
ISPGDX160VA-3B272 Datasheet(HTML) 9 Page - Lattice Semiconductor |
9 / 37 page 9 Specifications ispGDX160VA Switching Test Conditions Input Pulse Levels Input Rise and Fall Time Input Timing Reference Levels Output Timing Reference Levels Output Load GND to VCCIO(MIN) < 1.5ns 10% to 90% VCCIO(MIN)/2 VCCIO(MIN)/2 See Figure 8 3-state levels are measured 0.5V from steady-state active level. Output Load Conditions (See Figure 8) TEST CONDITION R1 3.3V 2.5V R2 CL A 35pF D 35pF B 35pF 35pF Active High Slow Slew Active Low C 5pF 5pF 156 Ω ∞ ∞ 156 Ω 156 Ω ∞ 144 Ω ∞ 144 Ω ∞ ∞ 144 Ω R1 R2 153 Ω ∞ ∞ 153 Ω 153 Ω ∞ 134 Ω ∞ 134 Ω ∞ ∞ 134 Ω Active Low to Z at V +0.5V OL Active High to Z at V -0.5V OH Table 2-0004A/gdx160va DC Electrical Characteristics for 3.3V Range 1 Over Recommended Operating Conditions Figure 8. Test Load VCCIO R1 R2 CL* Device Output Test Point *CL includes Test Fixture and Probe Capacitance. 0213D VOL SYMBOL 1. I/O voltage configuration must be set to VCC. Table 2-0007/gdx160va VOH VIH VIL PARAMETER Output Low Voltage Output High Voltage Input High Voltage Input Low Voltage VCC = VCC (MIN) IOL = +100µA IOL = +24mA IOH = -100µA IOH = -12mA VCC = VCC (MIN) VOH ≤ VOUT or VOUT ≤ VOL(MAX) VOH ≤ VOUT or VOUT ≤ VOL (MAX) CONDITION MIN. TYP. MAX. UNITS – 2.8 2.0 -0.3 – – – – 0.2 – 5.25 0.8 V –– 0.55 V V 2.4 –– V VCCIO I/O Reference Voltage 3.0 – – 3.6 V V V |
Similar Part No. - ISPGDX160VA-3B272 |
|
Similar Description - ISPGDX160VA-3B272 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |