Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB290 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SB290
Description  Schottky Barrier Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB290 Datasheet(HTML) 1 Page - Leshan Radio Company

  SB290_15 Datasheet HTML 1Page - Leshan Radio Company SB290_15 Datasheet HTML 2Page - Leshan Radio Company SB290_15 Datasheet HTML 3Page - Leshan Radio Company SB290_15 Datasheet HTML 4Page - Leshan Radio Company SB290_15 Datasheet HTML 5Page - Leshan Radio Company SB290_15 Datasheet HTML 6Page - Leshan Radio Company SB290_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC DO-15, molded plastic over sky die
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
We declare that the material of product compliance
Weight
: 0.015 oz., 0.40 g
with ROHS requirements
Handling precautin
:None
1.Maximum & Thermal Characteristics Ratings
at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SB220 SB230 SB240 SB250 SB260 SB280 SB290 SB2100
Unit
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
90
100V
Maximum RSM voltage
VRSM
14
21
28
35
42
56
63
70V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
90
100V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSMA
Typical thermal resistance (Note 1)
RθJA
°
C/W
Operating temperature range
TJ
°
C
storage temperature range
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SB220 SB230 SB240 SB250 SB260 SB280 SB290 SB2100
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
55 to +150
55 to +175
0.85
0.5
20
SB220 thru SB2100
Schottky Barrier Rectifiers
Reverse Voltage 20 to 100V
170
0.70
0.50
2.0
60
50


Similar Part No. - SB290_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB29003 FAIRCHILD-SB29003 Datasheet
68Kb / 4P
   High Voltage Transistor
logo
EIC discrete Semiconduc...
SB290S EIC-SB290S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
SB290S EIC-SB290S Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SB290_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com