Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S43A-12D-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-S43A-12D-XX
Description  10.92 mm (0.43) Single digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S43A-12D-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-S43A-12D-XX Datasheet HTML 1Page - BetLux Electronics BL-S43A-12D-XX Datasheet HTML 2Page - BetLux Electronics BL-S43A-12D-XX Datasheet HTML 3Page - BetLux Electronics BL-S43A-12D-XX Datasheet HTML 4Page - BetLux Electronics BL-S43A-12D-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S43X-12
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
2.1g/pcs
Maximum
180pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-S43A-12D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S43A-12D-00 BETLUX-BL-S43A-12D-00 Datasheet
82Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S43A-12D-01 BETLUX-BL-S43A-12D-01 Datasheet
82Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S43A-12D-02 BETLUX-BL-S43A-12D-02 Datasheet
82Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S43A-12D-03 BETLUX-BL-S43A-12D-03 Datasheet
82Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S43A-12D-04 BETLUX-BL-S43A-12D-04 Datasheet
82Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S43A-12D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S43A-11 BETLUX-BL-S43A-11 Datasheet
310Kb / 5P
   10.92 mm (0.43) Single digit Seven Segment LED display series
logo
LUMEX INC.
LDD-A4306RI LUMEX-LDD-A4306RI Datasheet
59Kb / 1P
   0.43 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A4302RD LUMEX-LDD-A4302RD Datasheet
59Kb / 1P
   0.43 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A4303RI LUMEX-LDD-A4303RI Datasheet
58Kb / 1P
   0.43 SEVEN SEGMENT, DUAL DIGIT DISPLAY
logo
BetLux Electronics
BL-D43A-21 BETLUX-BL-D43A-21 Datasheet
326Kb / 5P
   11.0mm (0.43) Dual digit Seven Segment LED display series
BL-D43A-22 BETLUX-BL-D43A-22 Datasheet
336Kb / 5P
   11.0mm (0.43) Dual digit Seven Segment LED display series
BL-D43C-21 BETLUX-BL-D43C-21 Datasheet
327Kb / 5P
   11.0mm (0.43) Dual digit Seven Segment LED display series
BL-S50A-12 BETLUX-BL-S50A-12 Datasheet
324Kb / 5P
   12.70 mm (0.5) Single digit Seven Segment LED display series
BL-S50C-13 BETLUX-BL-S50C-13 Datasheet
311Kb / 5P
   12.70 mm (0.5) Single digit Seven Segment LED display series
BL-S50A-17 BETLUX-BL-S50A-17 Datasheet
287Kb / 5P
   12.70 mm (0.5) Single digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com