Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30A100CTFP-G Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SBR30A100CTFP-G
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A100CTFP-G Datasheet(HTML) 5 Page - Diodes Incorporated

  SBR30A100CTFP-G Datasheet HTML 1Page - Diodes Incorporated SBR30A100CTFP-G Datasheet HTML 2Page - Diodes Incorporated SBR30A100CTFP-G Datasheet HTML 3Page - Diodes Incorporated SBR30A100CTFP-G Datasheet HTML 4Page - Diodes Incorporated SBR30A100CTFP-G Datasheet HTML 5Page - Diodes Incorporated SBR30A100CTFP-G Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30A100CT, SBR30A100CTFP
Document number: DS30983 Rev. 10 - 2
5 of 6
www.diodes.com
May 2015
© Diodes Incorporated
SBR30A100CT
SBR30A100CTFP
Package Outline Dimensions (continued)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
ITO220AB
(Type E)
Dim
Min
Max
A
4.36
4.77
A1
2.54
3.10
A2
2.54
2.80
b
0.55
0.75
b1
1.20
1.50
c
0.38
0.68
D
14.50
15.50
D1
8.38
8.89
e
2.41
2.67
E
9.72
10.27
L
9.87
10.67
L1
15.8
17.00
P
3.08
3.39
Q
2.60
3.00
All Dimensions in mm
A
A1
D1
A2
c
e
b
b1
L
L1
D
Q
E
Ø
P


Similar Part No. - SBR30A100CTFP-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A100CTFP DIODES-SBR30A100CTFP Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A100 Rev. 2
More results

Similar Description - SBR30A100CTFP-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com