Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE520CA Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # P6KE520CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

P6KE520CA Datasheet(HTML) 1 Page - Zowie Technology Corporation

  P6KE520CA Datasheet HTML 1Page - Zowie Technology Corporation P6KE520CA Datasheet HTML 2Page - Zowie Technology Corporation P6KE520CA Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
MECHANICAL DATA
* Glass passivated chip
* 600 W peak pulse power capability with a 10/1000
µs wavefrom,
repetitive rate (duty cycle) : 0.01%
* Low leakage
* Excellent clamping capability
* Very fast response time
Case : JEDEC DO-204AC molded plastic
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes positive end (cathode) except
for bidirectional types
Weight : 0.015 ounes , 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature unless otherwise specified.
single phase, half wave, 60Hz resistive or inductive load.
for capacitive load, derate current by 20%
NOTES : (1) Non-repetitive current pulse per Fig. 5 and derated abobe TA = 25℃ per Fig. 1
(2) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
DO-204AC
*Dimensions in inches and (millimeters)
0.140(3.6)
0.034(0.86)
0.028(0.71)
0.104(2.6)
DIA.
DIA.
Zowie Technology Corporation
2011/05
P6KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 600 Volts
Peak Pulse Power-600 Watts
TJ,TSTG
-55 to +150
Operating junction and storage temperature range
SYMBOL
VALUE
RATING
UNITS
PPPM
600
Watts
Peak power dissipation with a 10/1000
µs waveform (note 1)
PD
5
Watts
Power dissipation on infinite heatsink at TL = 75℃
IPPM
See next table
Amps
Peak pulse current with a 10/1000
µs waveform (note 1)
IFSM
100
Amps
Peak forward surge current,8.3ms single half sine-wave unidirectional only (note 2)


Similar Part No. - P6KE520CA

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6KE520CA DIOTEC-P6KE520CA Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
P6KE520CA SOCAY-P6KE520CA Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE520CA SOCAY-P6KE520CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Jing Heng Electro...
P6KE520CA JINGHENG-P6KE520CA Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Comchip Technology
P6KE520CA-G COMCHIP-P6KE520CA-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
More results

Similar Description - P6KE520CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com