Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S52A-11G-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-S52A-11G-XX
Description  13.20mm (0.52) Single digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S52A-11G-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-S52A-11G-XX Datasheet HTML 1Page - BetLux Electronics BL-S52A-11G-XX Datasheet HTML 2Page - BetLux Electronics BL-S52A-11G-XX Datasheet HTML 3Page - BetLux Electronics BL-S52A-11G-XX Datasheet HTML 4Page - BetLux Electronics BL-S52A-11G-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S52X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
1.7g/pcs
Maximum
210pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-S52A-11G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S52A-11G-0 BETLUX-BL-S52A-11G-0 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S52A-11G-1 BETLUX-BL-S52A-11G-1 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S52A-11G-10 BETLUX-BL-S52A-11G-10 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S52A-11G-11 BETLUX-BL-S52A-11G-11 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S52A-11G-12 BETLUX-BL-S52A-11G-12 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S52A-11G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S52A-12 BETLUX-BL-S52A-12 Datasheet
311Kb / 5P
   13.20mm (0.52) Single digit Seven Segment LED display series
BL-T52G-31 BETLUX-BL-T52G-31 Datasheet
317Kb / 5P
   13.20mm (0.52) Three digit Seven Segment LED display series
BL-D52A-21 BETLUX-BL-D52A-21 Datasheet
318Kb / 5P
   13.20mm (0.52) Dual digit Seven Segment LED display series
BL-T52A-31 BETLUX-BL-T52A-31 Datasheet
316Kb / 5P
   13.20mm (0.52) Three digit Seven Segment LED display series
BL-T52C-31 BETLUX-BL-T52C-31 Datasheet
322Kb / 5P
   13.20mm (0.52) Three digit Seven Segment LED display series
BL-T52E-31 BETLUX-BL-T52E-31 Datasheet
315Kb / 5P
   13.20mm (0.52) Three digit Seven Segment LED display series
BL-Q52A-41 BETLUX-BL-Q52A-41 Datasheet
317Kb / 5P
   13.20mm (0.52) Four digit and Over Seven Segment LED display series
BL-Q52C-41 BETLUX-BL-Q52C-41 Datasheet
320Kb / 5P
   13.20mm (0.52) Four digit and Over Seven Segment LED display series
BL-Q52E-41 BETLUX-BL-Q52E-41 Datasheet
320Kb / 5P
   13.20mm (0.52) Four digit and Over Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BS-C536RD BRIGHT-BS-C536RD Datasheet
139Kb / 3P
   0.52(13.20MM)single DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com