Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S56A-16UR-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-S56A-16UR-XX
Description  14.20mm (0.56) Single digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S56A-16UR-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-S56A-16UR-XX Datasheet HTML 1Page - BetLux Electronics BL-S56A-16UR-XX Datasheet HTML 2Page - BetLux Electronics BL-S56A-16UR-XX Datasheet HTML 3Page - BetLux Electronics BL-S56A-16UR-XX Datasheet HTML 4Page - BetLux Electronics BL-S56A-16UR-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S56X-16
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
2.1g/pcs
Maximum
185pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-S56A-16UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S56A-11 BETLUX-BL-S56A-11 Datasheet
307Kb / 5P
   14.20mm (0.56) Single digit Seven Segment LED display series.
BL-S56A-11B BETLUX-BL-S56A-11B Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S56A-11D-XX BETLUX-BL-S56A-11D-XX Datasheet
307Kb / 5P
   14.20mm (0.56) Single digit Seven Segment LED display series.
BL-S56A-11E-0 BETLUX-BL-S56A-11E-0 Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S56A-11E-1 BETLUX-BL-S56A-11E-1 Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S56A-16UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D56A-25 BETLUX-BL-D56A-25 Datasheet
329Kb / 5P
   14.20mm (0.56) Dual digit numeric display series
BL-Q56A-51 BETLUX-BL-Q56A-51 Datasheet
328Kb / 5P
   14.20mm (0.56) 5 digit numeric display series
BL-T56U-31 BETLUX-BL-T56U-31 Datasheet
333Kb / 5P
   14.20mm (0.56) Three digit numeric display series
BL-T56A-34 BETLUX-BL-T56A-34 Datasheet
342Kb / 5P
   14.20mm (0.56) Three digit numeric display series
BL-SS56A-11 BETLUX-BL-SS56A-11 Datasheet
168Kb / 4P
   14.20mm (0.56) Single digit numeric display series. SMD TYPE
logo
BRIGHT LED ELECTRONICS ...
BS-C516RD BRIGHT-BS-C516RD Datasheet
138Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BS-C552RD-B BRIGHT-BS-C552RD-B Datasheet
146Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BS-A556RD BRIGHT-BS-A556RD Datasheet
74Kb / 1P
   0.56(14.20MM)single DIGIT LED DISPLAY
logo
BetLux Electronics
BL-DS56A-21 BETLUX-BL-DS56A-21 Datasheet
174Kb / 4P
   14.20mm (0.56) Dual digit numeric display series , SMD TYPE
logo
Micro Electronics
MU156C MICRO-ELECTRONICS-MU156C Datasheet
59Kb / 2P
   0.56 SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com