Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF12 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF12
Description  Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF12 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF12_15 Datasheet HTML 1Page - Leshan Radio Company SF12_15 Datasheet HTML 2Page - Leshan Radio Company SF12_15 Datasheet HTML 3Page - Leshan Radio Company SF12_15 Datasheet HTML 4Page - Leshan Radio Company SF12_15 Datasheet HTML 5Page - Leshan Radio Company SF12_15 Datasheet HTML 6Page - Leshan Radio Company SF12_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching
power supplies,inverters and as free wheeling diodes
* Diffused junction
* Ultrafast recovery time for high efficiency
* Soft recovery characteristics
* Excellent high temperature switching
* High temperature soldering guaranteed:
260°C/10 seconds
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.34 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF
11
SF
12
SF
13
SF
14
SF
15
SF
16
SF
17
SF
18
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF
11
SF
12
SF
13
SF
14
SF
15
SF
16
SF
17
SF
18
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
1.7
5.0
200
35
15.0
SF11 thru SF18
1.0
30
0.95
1.25
45
–50 to +150
Reverse Voltage 50 to 600V
Forward Current 1.0A
Super Fast Rectifiers
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3


Similar Part No. - SF12_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1201D RFM-SF1201D Datasheet
197Kb / 5P
   455.0 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1201D MURATA-SF1201D Datasheet
197Kb / 5P
   455.0 MHz SAW Filter
logo
Amphenol SV Microwave
SF1211-60193 SVMICROWAVE-SF1211-60193 Datasheet
497Kb / 1P
   SMP JACK 2 HOLE FLANGE FD STRIPLINE WITH MOUNTING SCREWS
REV.A 05/18
SF1211-60193-1S SVMICROWAVE-SF1211-60193-1S Datasheet
497Kb / 1P
   SMP JACK 2 HOLE FLANGE FD STRIPLINE WITH MOUNTING SCREWS
REV.A 05/18
SF1211-60193-2S SVMICROWAVE-SF1211-60193-2S Datasheet
497Kb / 1P
   SMP JACK 2 HOLE FLANGE FD STRIPLINE WITH MOUNTING SCREWS
REV.A 05/18
More results

Similar Description - SF12_15

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com