Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30M40CTFP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR30M40CTFP
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30M40CTFP Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR30M40CTFP_15 Datasheet HTML 1Page - Diodes Incorporated SBR30M40CTFP_15 Datasheet HTML 2Page - Diodes Incorporated SBR30M40CTFP_15 Datasheet HTML 3Page - Diodes Incorporated SBR30M40CTFP_15 Datasheet HTML 4Page - Diodes Incorporated SBR30M40CTFP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30M40CTFP
Document number: DS32034 Rev. 3 - 2
3 of 5
www.diodes.com
August 2012
© Diodes Incorporated
SBR30M40CTFP
0
1
2
3
4
5
6
0
5
10
15
I
, AVERAGE FORWARD CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
T = 150°C
J
0.0001
0.001
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T =125 C
A
°
T =150 C
A
°
T=25 C
A
°
T= 85 C
A
°
1
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
Figure 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T= 150 C
A
°
T= 85 C
A
°
T= 25 C
A
°
T= 120 C
A
°
0.1
1
10
100
Figure 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
100
1,000
10,000
f = 1MHZ
Figure 5 Forward Current Derating Curve
0
5
10
15
20
25
30
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
R
= 14°C/W
Per Element
Note 7
JA
θ
R
=
Per Element
JA
θθ
R JC
R
=
Total Device
JA
θθ
R JC
0
25
50
75
100
125
150
0
4
8
12
162024
28
32
36
40
V , DC REVERSE VOLTAGE (V)
Figure 6 Operating Temperature Derating
R


Similar Part No. - SBR30M40CTFP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30M40CTFP-G DIODES-SBR30M40CTFP-G Datasheet
130Kb / 5P
   Low Forward Voltage Drop
SBR30M40CTFP-JT-G DIODES-SBR30M40CTFP-JT-G Datasheet
130Kb / 5P
   Low Forward Voltage Drop
More results

Similar Description - SBR30M40CTFP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com