Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ300CA Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # SMCJ300CA
Description  GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMCJ300CA Datasheet(HTML) 2 Page - Zowie Technology Corporation

  SMCJ300CA Datasheet HTML 1Page - Zowie Technology Corporation SMCJ300CA Datasheet HTML 2Page - Zowie Technology Corporation SMCJ300CA Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zowie Technology Corporation
SMCJ SERIES
Zowie Technology Corporation
2011/05
SMCJ5.0A
SMCJ6.0A
SMCJ6.5A
SMCJ7.0A
SMCJ7.5A
SMCJ8.0A
SMCJ8.5A
SMCJ9.0A
SMCJ10A
SMCJ11A
SMCJ12A
SMCJ13A
SMCJ14A
SMCJ15A
SMCJ16A
SMCJ17A
SMCJ18A
SMCJ19A
SMCJ20A
SMCJ22A
SMCJ24A
SMCJ26A
SMCJ28A
SMCJ30A
SMCJ33A
SMCJ36A
SMCJ40A
SMCJ43A
SMCJ45A
SMCJ48A
SMCJ51A
SMCJ54A
SMCJ58A
SMCJ60A
SMCJ64A
SMCJ70A
SMCJ75A
SMCJ78A
SMCJ80A
SMCJ85A
SMCJ90A
SMCJ100A
SMCJ110A
SMCJ120A
SMCJ130A
SMCJ140A
SMCJ150A
SMCJ160A
SMCJ170A
SMCJ180A
SMCJ190A
SMCJ200A
SMCJ220A
SMCJ250A
SMCJ300A
SMCJ350A
SMCJ400A
SMCJ440A
SMCJ5.0CA
SMCJ6.0CA
SMCJ6.5CA
SMCJ7.0CA
SMCJ7.5CA
SMCJ8.0CA
SMCJ8.5CA
SMCJ9.0CA
SMCJ10CA
SMCJ11CA
SMCJ12CA
SMCJ13CA
SMCJ14CA
SMCJ15CA
SMCJ16CA
SMCJ17CA
SMCJ18CA
SMCJ19CA
SMCJ20CA
SMCJ22CA
SMCJ24CA
SMCJ26CA
SMCJ28CA
SMCJ30CA
SMCJ33CA
SMCJ36CA
SMCJ40CA
SMCJ43CA
SMCJ45CA
SMCJ48CA
SMCJ51CA
SMCJ54CA
SMCJ58CA
SMCJ60CA
SMCJ64CA
SMCJ70CA
SMCJ75CA
SMCJ78CA
SMCJ80CA
SMCJ85CA
SMCJ90CA
SMCJ100CA
SMCJ110CA
SMCJ120CA
SMCJ130CA
SMCJ140CA
SMCJ150CA
SMCJ160CA
SMCJ170CA
SMCJ180CA
SMCJ190CA
SMCJ200CA
SMCJ220CA
SMCJ250CA
SMCJ300CA
SMCJ350CA
SMCJ400CA
SMCJ440CA
GDE
GDG
GDK
GDM
GDP
GDR
GDT
GDV
GDX
GDZ
GEE
GEG
GEK
GEM
GEP
GER
GET
GEB
GEV
GEX
GEZ
GFE
GFG
GFK
GFM
GFP
GFR
GFT
GFV
GFX
GFZ
GGE
GGG
GGK
GGM
GGP
GGR
GGT
GGB
GGV
GGX
GGZ
GHE
GHG
GHK
GHB
GHM
GHP
GHR
GHT
GHV
GHW
GHX
GHZ
GJE
GJG
GJK
GJM
BDE
BDG
BDK
BDM
BDP
BDR
BDT
BDV
BDX
BDZ
BEE
BEG
BEK
BEM
BEP
BER
BET
BEB
BEV
BEX
BEZ
BFE
BFG
BFK
BFM
BFP
BFR
BFT
BFV
BFX
BFZ
BGE
BGG
BGK
BGM
BGP
BGR
BGT
BGB
BGV
BGX
BGZ
BHE
BHG
BHK
BHB
BHM
BHP
BHR
BHT
BHV
BHW
BHX
BHZ
BJE
BJG
BJK
BJM
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10
11
12
13
14
15
16
17
18
19
20
22
24
26
28
30
33
36
40
43
45
48
51
54
58
60
64
70
75
78
80
85
90
100
110
120
130
140
150
160
170
180
190
200
220
250
300
350
400
440
UNI- POLAR
BI-POLAR
UNI
BI
Device
Marking
Code
SMCJ
PART NUMBER
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
30.8
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103
113
121
126
130
137
146
162
177
193
209
227
243
259
275
291
308
324
356
405
486
567
648
713
163.0
145.6
133.9
125.0
116.3
110.3
104.2
97.4
88.2
82.4
75.4
69.8
64.7
61.5
57.7
54.3
51.4
48.7
46.3
42.3
38.6
35.6
33.0
31.0
28.1
25.8
23.3
21.6
20.6
19.4
18.2
17.2
16.0
15.5
14.6
13.3
12.4
11.9
11.6
10.9
10.3
9.3
8.5
7.8
7.2
6.6
6.2
5.8
5.5
5.1
4.9
4.6
4.2
3.7
3.1
2.6
2.3
2.1
1000
1000
500
200
100
50
20
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
Breakdown Voltage VBR @IT
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.00
11.10
12.20
13.30
14.40
15.60
16.70
17.80
18.90
20.00
21.10
22.20
24.40
26.70
28.90
31.10
33.30
36.70
40.00
44.40
47.80
50.00
53.30
56.70
60.00
64.40
66.70
71.10
77.80
83.30
86.70
88.80
94.40
100
111
122
133
144
155
167
178
189
200
211
224
246
279
335
391
447
492
7.00
7.37
7.98
8.60
9.21
9.83
10.40
11.10
12.30
13.50
14.70
15.90
17.20
18.50
19.70
20.90
22.10
23.30
24.50
26.90
29.50
31.90
34.40
36.80
40.60
44.20
49.10
52.80
55.30
58.90
62.70
66.30
71.20
73.70
78.60
86.00
92.10
95.80
97.60
104
111
123
135
147
159
171
185
197
209
220
232
247
272
309
371
432
494
543
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Maximum Reverse
Leakage IR (μA)
@VRWM
Maximum Clamping
Voltage VC (V)
@ IPP
Maximum Reverse
Surge Current
IPP (A)
@10 x 1000μs
sinewave
Working Peak
Reverse Voltage
VRWM
(V)
Min. (V)
Max. (V)
IT (mA)
NOTE : 1. Suffix " A " denotes 5% tolerance device.
2. Add suffix " CA " after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .


Similar Part No. - SMCJ300CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMCJ300CA LITTELFUSE-SMCJ300CA Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMCJ300CA LUGUANG-SMCJ300CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
SHIKUES Electronics
SMCJ300CA SKTECHNOLGY-SMCJ300CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Weitron Technology
SMCJ300CA WEITRON-SMCJ300CA Datasheet
190Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
StarHope
SMCJ300CA SPSEMI-SMCJ300CA Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results

Similar Description - SMCJ300CA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SMAJ ZOWIE-SMAJ Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ ZOWIE-SMBJ Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
20KPA SMC-20KPA Datasheet
220Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com