Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2064VE-200LJ44 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI2064VE-200LJ44
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2064VE-200LJ44 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI2064VE-200LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2064VE-200LJ44 Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Specifications ispLSI 2064VE
32-I/O Signal Descriptions
GOE 0/IN 3
This pin performs one of two functions. It can be programmed to function as a Global Output Enable
pin or a Dedicated Input pin.
GOE 1/Y0
This pin performs one of two functions. It can be programmed to function as a GLobal Output Enable or
a Dedicated Clock input. This clock input is connected to one of the clock inputs of all GLBs on the
device.
RESET/Y1
This pin performs two functions: (1) Dedicated clock input. This clock input is brought into the Clock
Deistribution Network and can optionally be routed to any GLB and/or I/O cell on the device. (2) Active
Low (0) Reset pin which resets all of the registers in the device.
BSCAN
Input – Dedicated in-system programming Boundary Scan Enable input pin. This pin is brought low to
enable the programming mode. The TMS, TDI, TDO and TCK controls become active.
TDI/IN 0
Input – This pin performs two functions. When
BSCAN is logic low, it functions as an input pin to load
programming data into the device. TDI/IN0 is also used as one of the two control pins for the ISP State
Machine. When
BSCAN is high, it functions as a dedicated input pin.
TMS/IN 2
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a pin to control the
operation of the ISP State Machine. When
BSCAN is high, it functions as a dedicated input pin.
TDO/IN 1
Output/Input – This pin performs two functions. When
BSCAN is logic low, it functions as an output pin
pin to read serial shift register data. When
BSCAN is high, it functions as a dedicated input pin.
TCK/Y2
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a clock pin for the
Serial Shift Register. When
BSCAN is high, it functions as a dedicated clock input. This clock input is
brought into the Clock Distribution Network and can optionally be routed to any GLB and/or I/O cell on
the device.
GND
Ground (GND)
VCC
Vcc
NC1
No Connect
I/O
Input/Output pins – These are the general purpose I/O pins used by the logic array.
64-I/O Signal Descriptions
RESET
Active Low (0) Reset pin resets all the registers in the device.
GOE 0, GOE1
Global Output Enable input pins.
Y0, Y1, Y2
Dedicated Clock Input – These clock inputs are connected to one of the clock inputs of all the GLBs in
the device.
BSCAN
Input – Dedicated in-system programming Boundary Scan enable input pin. This pin is brought low to
enable the programming mode. The TMS, TDI, TDO and TCK controls become active.
TDI/IN 0
Input – This pin performs two functions. When
BSCAN is logic low, it functions as an input pin to load
programming data into the device. TDI/IN0 is also used as one of the two control pins for the ISP State
Machine. When
BSCAN is high, it functions as a dedicated input pin.
TCK/IN 3
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a clock pin for the
Boundary Scan state machine. When
BSCAN is high, it functions as a dedicated input pin.
TMS/IN 1
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a mode control pin for
the Boundary Scan state machine. When
BSCAN is high, it functions as a dedicated input pin.
TDO/IN 2
Output/Input – This pin performs two functions. When
BSCAN is logic low, it functions as an output pin
to read serial shift register data. When
BSCAN is high, it functions as a dedicated input pin.
GND
Ground (GND)
VCC
Vcc
NC1
No Connect
I/O
Input/Output Pins – These are the general purpose I/O pins used by the logic array.
Signal Name
Description
1. NC pins are not to be connected to any active signals, VCC or GND.
Signal Name
Description
1. NC pins are not to be connected to any active signals, VCC or GND.


Similar Part No. - ISPLSI2064VE-200LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ44 LATTICE-ISPLSI2064V-100LJ44 Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ44I LATTICE-ISPLSI2064V-100LJ44I Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ84 LATTICE-ISPLSI2064V-100LJ84 Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ84I LATTICE-ISPLSI2064V-100LJ84I Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
More results

Similar Description - ISPLSI2064VE-200LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com