Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2032VL-180LT48 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI2032VL-180LT48
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VL-180LT48 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI2032VL-180LT48 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032VL-180LT48 Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Specifications ispLSI 2032VL
9
Signal Descriptions
GOE 0
Global Output Enable Pin
Y0
Dedicated Clock input. This clock input is connected to one of the clock inputs of all the GLBs on the
device.
RESET/Y1
This pin performs two functions: (1) Dedicated clock input. This clock input is brought into the Clock
Distribution Network and can optionally be routed to any GLB and/or I/O cell on the device. (2) Active
Low (0) Reset pin which resets all of the GLB and I/O registers in the device.
BSCAN
Input – Dedicated in-system programming Boundary Scan Enable input pin. This pin is brought low to
enable the programming mode. The TMS, TDI, TDO and TCK controls become active.
TDI/IN 0
Input – This pin performs two functions. When
BSCAN is logic low, it functions as an input pin to load
programming data into the device. When
BSCAN is high, it functions as a dedicated input pin.
TMS/NC1
Input – When
BSCAN is logic low, this pin functions as a mode control pin for the Boundary Scan State
Machine.
TDO/IN 1
Output/Input – This pin performs two functions. When
BSCAN is logic low, it functions as an output pin
pin to read serial shift register data. When
BSCAN is high, it functions as a dedicated input pin.
TCK/Y2
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a clock pin for the
Serial Shift Register. When
BSCAN is high, it functions as a dedicated clock input. This clock input is
brought into the Clock Distribution Network and can optionally be routed to any GLB.
GND
Ground (GND)
VCC
Vcc
NC1
No Connect
I/O
Input/Output pins – These are the general purpose I/O pins used by the logic array.
Signal Name
Description
GOE 0
40
2
43
A4
Y0
5
11
5
C1
RESET/Y1
293531D7
BSCAN
713
7
D1
TDI/IN 0
8
14
8
E2
TMS/NC1
30
36
32
C6
TDO/IN 1
182419G4
TCK/Y2
27
33
29
E7
GND
17, 39
1, 23
18, 42
C4, E4
VCC
6, 28
12, 34
6, 30
D3, D5
NC1
——
12, 24, 36, 48
A1, A7, D4, G1, G7
Signal
44-Pin TQFP
44-Pin PLCC
48-Pin TQFP
49-Ball caBGA
1. NC pins are not to be connected to any active signals, VCC or GND.
Signal Locations
I/O Locations
Signal
44-Pin TQFP
44-Pin PLCC
48-Pin TQFP
49-Ball caBGA
I/O 0 - I/O 6
9, 10, 11, 12, 13, 14, 15
15, 16, 17, 18, 19, 20, 21
9, 10, 11, 13, 14, 15, 16
E1, F2, F1, E3, F3, G2, F4
I/O 7 - I/O 13
16, 19, 20, 21, 22, 23, 24
22, 25, 26, 27, 28, 29, 30
17, 20, 21, 22, 23, 25, 26
G3, F5, G5, F6, G6, E5, E6
I/O 14 - I/O 20
25, 26, 31, 32, 33, 34, 35
31, 32, 37, 38, 39, 40, 41
27, 28, 33, 34, 35, 37, 38
F7, D6, C7, B6, B7, C5, B5
I/O 21 - I/O 27
36, 37, 38, 41, 42, 43, 44
42, 43, 44, 3, 4, 5, 6
39, 40, 41, 44, 45, 46, 47
A6, B4, A5, B3, A3, B2, A2
I/O 28 - I/O 31
1, 2, 3, 4
7, 8, 9, 10
1, 2, 3, 4
C3, C2, B1, D2


Similar Part No. - ISPLSI2032VL-180LT48

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VL-135LT44I LATTICE-ISPLSI2032VL-135LT44I Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2032VL-180LT48

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com