Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2128VL-150LT100 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI2128VL-150LT100
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VL-150LT100 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI2128VL-150LT100 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Specifications ispLSI 2128VL
3
Absolute Maximum Ratings 1
Supply Voltage Vcc ................................ -0.5 to +4.05V
Input Voltage Applied ............................. -0.5 to +4.05V
Off-State Output Voltage Applied .......... -0.5 to +4.05V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Condition
Erase Reprogram Specifications
Capacitance (T
A=25°C, f=1.0 MHz)
C
SYMBOL
Table 2-0006/2128VL
C
PARAMETER
I/O Capacitance
6
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
Dedicated Input Capacitance
pf
pf
V = 2.5V, V
= 0.0V
V = 2.5V, V = 0.0V
CC
CC
I/O
IN
C
Clock and Global Output Enable Capacitance
10
3
pf
V = 2.5V, V = 0.0V
CC
Y
Table 2-0008/2128VL
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10,000
Cycles
TA = 0°C to + 70°C
TA = -40°C to + 85°C
SYMBOL
Table 2-0005/2128VL
VCC
VIH
VIL
PARAMETER
Supply Voltage
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
2.3
2.3
1.7
-0.3
2.7
2.7
3.6
0.7
V
V
V
V
Commercial
Industrial


Similar Part No. - ISPLSI2128VL-150LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LJ84 LATTICE-ISPLSI2128V-60LJ84 Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LJ84I LATTICE-ISPLSI2128V-60LJ84I Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LQ160 LATTICE-ISPLSI2128V-60LQ160 Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LQ160I LATTICE-ISPLSI2128V-60LQ160I Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
More results

Similar Description - ISPLSI2128VL-150LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com