Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR1040CT-G Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR1040CT-G
Description  10A SBR짰 SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1040CT-G Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR1040CT-G Datasheet HTML 1Page - Diodes Incorporated SBR1040CT-G Datasheet HTML 2Page - Diodes Incorporated SBR1040CT-G Datasheet HTML 3Page - Diodes Incorporated SBR1040CT-G Datasheet HTML 4Page - Diodes Incorporated SBR1040CT-G Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR1040
Document number: DS30959 Rev. 7 - 2
4 of 5
www.diodes.com
June 2012
© Diodes Incorporated
SBR1040CT
SBR1040CTFP
Package Outline Dimensions
ITO-220AB
Dim
Min
Typ
Max
A
4.50
4.70
4.90
A1
3.04
3.24
3.44
A2
2.56
2.76
2.96
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
c
0.50
0.60
0.70
D
15.67 15.87 16.07
D1
8.99
9.19
9.39
e
2.54
E
9.91 10.11 10.31
L
9.45
9.75 10.05
L1
15.80 16.00 16.20
P
2.98
3.18
3.38
Q
3.10
3.30
3.50
All Dimensions in mm
TO-220AB
Dim
Min
Typ
Max
A
3.56
-
4.82
A1
0.51
-
1.39
A2
2.04
-
2.92
b
0.39
0.81
1.01
b2
1.15
1.24
1.77
c
0.356
-
0.61
D
14.22
-
16.51
D1
8.39
-
9.01
e
2.54
e1
5.08
E
9.66
-
10.66
H1
5.85
-
6.85
L
12.70
-
14.73
L1
-
-
6.35
P
3.54
-
4.08
Q
2.54
-
3.42
All Dimensions in mm
ITO-220AB
Alternate
Dim
Min
Max
A
4.36
4.77
A1
2.54
3.1
A2
2.54
2.8
b
0.55
0.75
b1
1.2
1.5
c
0.38
0.68
D
14.5
15.5
D1
8.38
8.89
E
9.72
10.27
e
2.41
2.67
L
9.87
10.67
L1
15.8
17
ØP
3.08
3.39
Q
2.6
3.0
All Dimensions in mm
10°
E
Q
D
D1
L1
3 x b1
3 x b
2 x e
L
ØP
A
A1
A2
c
12
3
A
A1
c
D
E
b
e1
b2
P
H1
Q
L1
A2
e
D1
*Guaranteed by TO-220AB leadframe design
E
ØP
Q
b1
L1
b
e
A1
D
L
c
+
A
D1
A2


Similar Part No. - SBR1040CT-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1040CT-G DIODES-SBR1040CT-G Datasheet
168Kb / 5P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1040CT-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10120CTL DIODES-SBR10120CTL_15 Datasheet
80Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200 DIODES-SBR10200_15 Datasheet
186Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200CTL DIODES-SBR10200CTL_15 Datasheet
93Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45SD1 DIODES-SBR10U45SD1_15 Datasheet
76Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45D1Q DIODES-SBR10U45D1Q_15 Datasheet
170Kb / 5P
   SUPER BARRIER RECTIFIER 10A SBR짰
SBR10150 DIODES-SBR10150_15 Datasheet
171Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10150CTL DIODES-SBR10150CTL_15 Datasheet
96Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com