Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3045SCTB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR3045SCTB
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3045SCTB Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR3045SCTB Datasheet HTML 1Page - Diodes Incorporated SBR3045SCTB Datasheet HTML 2Page - Diodes Incorporated SBR3045SCTB Datasheet HTML 3Page - Diodes Incorporated SBR3045SCTB Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR3045SCTB
Document number: DS31666 Rev. 4 - 2
1 of 4
www.diodes.com
July 2011
© Diodes Incorporated
SBR3045SCTB
SBR is a registered trademark of Diodes Incorporated.
30A SBR
®
SUPER BARRIER RECTIFIER
Features
Designed as Bypass Diodes for Solar Panels
Selectively Rated for 200ºC Maximum Junction Temperature
for High Thermal Reliability.
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
175ºC Operating Junction Temperature
Lead Free Finish, RoHS Compliant (Note 1)
Also Available in Green Molding Compound (Note 2)
Mechanical Data
Case: D
2Pak
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 1.6 grams (approximate)
Ordering Information (Notes 2 & 3)
Part Number
Case
Packaging
SBR3045SCTB
D
2Pak
50 pieces/tube
SBR3045SCTB-G
D
2Pak
50 pieces/tube
SBR3045SCTB-13
D
2Pak
800/Tape & Reel
SBR3045SCTB-13-G
D
2Pak
800/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR3045SCTB-G.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Package Pin-Out Configuration
SBR3045SCTB = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 08 = 2008)
WW = Week (01 - 53)


Similar Part No. - SBR3045SCTB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR3045 MICROSEMI-SBR3045 Datasheet
120Kb / 2P
   30 Amp Schottky Rectifier
SBR3045 MICROSEMI-SBR3045 Datasheet
137Kb / 2P
   30 Amp Schottky Rectifier
logo
New Jersey Semi-Conduct...
SBR3045 NJSEMI-SBR3045 Datasheet
87Kb / 1P
   30 Amp Schottky Rectifier
logo
Diodes Incorporated
SBR3045CT DIODES-SBR3045CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR3045 Rev. 2
logo
Sangdest Microelectroni...
SBR3045CT SMC-SBR3045CT Datasheet
154Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SBR3045SCTB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com