Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3803-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3803-3
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803-3 Datasheet(HTML) 4 Page - Linear Technology

  LTC3803-3 Datasheet HTML 1Page - Linear Technology LTC3803-3 Datasheet HTML 2Page - Linear Technology LTC3803-3 Datasheet HTML 3Page - Linear Technology LTC3803-3 Datasheet HTML 4Page - Linear Technology LTC3803-3 Datasheet HTML 5Page - Linear Technology LTC3803-3 Datasheet HTML 6Page - Linear Technology LTC3803-3 Datasheet HTML 7Page - Linear Technology LTC3803-3 Datasheet HTML 8Page - Linear Technology LTC3803-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3803-3
4
38033fd
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage vs Temperature
Reference Voltage
vs Supply Voltage
Reference Voltage
vs VCC Shunt Regulator Current
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Supply Voltage
Oscillator Frequency
vs VCC Shunt Regulator Current
VCC Undervoltage Lockout
Thresholds vs Temperature
VCC Shunt Regulator Voltage
vs Temperature
ICC Supply Current
vs Temperature
TA = 25°C unless otherwise noted.
TEMPERATURE (°C)
–60
90
38033 G01
0
–30
30
60
150
120
VCC = 8V
780
785
790
795
800
805
810
815
820
VCC SUPPLY VOLTAGE (V)
6
799.0
799.2
799.6
799.8
800.0
801.0
800.4
7
8
8.5
38033 F02
799.4
800.6
800.8
800.2
6.5
7.5
9
9.5
VCC VCLAMP1mA
ICC (mA)
0
799
800
801
15
25
38033 G03
798
797
796
510
20
802
803
804
–60
90
0
–30
30
60
150
120
TEMPERATURE (°C)
38033 G04
VCC = 8V
330
320
310
300
290
280
270
VCC SUPPLY VOLTAGE (V)
6
270
280
290
300
310
330
6.5
7
7.5
8
38033 G05
8.5
9
320
ICC (mA)
0
270
280
290
300
310
330
5
10
15
20
38033 G06
25
30
35
320
–60
90
0
–30
30
60
150
120
TEMPERATURE (°C)
4.0
4.5
5.0
5.5
6.5
7.0
7.5
9.0
8.5
38033 G07
6.0
8.0
VTURNOFF
VTURNON
–60
90
0
–30
30
60
150
120
TEMPERATURE (°C)
9.0
9.1
9.3
9.4
9.5
10.0
9.7
38033 G08
9.2
9.8
9.9
9.6
ICC = 25mA
ICC = 1mA
–60
90
0
–30
30
60
150
120
TEMPERATURE (°C)
200
225
350
250
38033 G09
300
325
275
VCC = 8V
VITH/RUN = 1.3V


Similar Part No. - LTC3803-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803-3 LINER-LTC3803-3 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC3803-3 LINER-LTC3803-3 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3803-3 LINER-LTC3803-3 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LTC3803-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com