Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3803-5 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3803-5
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803-5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3803-5_15 Datasheet HTML 5Page - Linear Technology LTC3803-5_15 Datasheet HTML 6Page - Linear Technology LTC3803-5_15 Datasheet HTML 7Page - Linear Technology LTC3803-5_15 Datasheet HTML 8Page - Linear Technology LTC3803-5_15 Datasheet HTML 9Page - Linear Technology LTC3803-5_15 Datasheet HTML 10Page - Linear Technology LTC3803-5_15 Datasheet HTML 11Page - Linear Technology LTC3803-5_15 Datasheet HTML 12Page - Linear Technology LTC3803-5_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3803-5
9
38035fd
APPLICATIONS INFORMATION
Many LTC3803-5 application circuits can be derived from
the topology shown in Figure 2.
The LTC3803-5 itself imposes no limits on allowed power
output, input voltage VINordesiredregulatedoutputvoltage
VOUT; these are all determined by the ratings on the external
power components. The key factors are: Q1’s maximum
drain-source voltage (BVDSS), on-resistance (RDS(ON))
and maximum drain current, T1’s saturation flux level and
winding insulation breakdown voltages, CIN and COUT’s
maximum working voltage, ESR, and maximum ripple
current ratings, and D1 and RSENSE’s power ratings.
Choose resistance values for R1 and R2 to be as large as
possible in order to minimize any efficiency loss due to
the static current drawn from VOUT, but just small enough
so that when VOUT is in regulation, the error caused by
the nonzero input current to the VFB pin is less than 1%.
A good rule of thumb is to choose R1 to be 80k or less.
TRANSFORMER DESIGN CONSIDERATIONS
Transformer specification and design is perhaps the most
critical part of applying the LTC3803-5 successfully. In
addition to the usual list of caveats dealing with high fre-
quency power transformer design, the following should
prove useful.
Turns Ratios
Due to the use of the external feedback resistor divider
ratio to set output voltage, the user has relative freedom
in selecting transformer turns ratio to suit a given appli-
cation. Simple ratios of small integers, e.g., 1:1, 2:1, 3:2,
etc. can be employed which yield more freedom in setting
total turns and mutual inductance. Simple integer turns
ratios also facilitate the use of “off-the-shelf” configu-
rable transformers such as the Coiltronics VERSA-PAC™
series in applications with high input to output voltage
ratios. For example, if a 6-winding VERSA-PAC is used
with three windings in series on the primary and three
windings in parallel on the secondary, a 3:1 turns ratio
will be achieved.
Turns ratio can be chosen on the basis of desired duty
cycle. However, remember that the input supply voltage
plus the secondary-to-primary referred version of the
flyback pulse (including leakage spike) must not exceed
the allowed external MOSFET breakdown rating.
Figure 2. Typical LTC3803-5 Application Circuit
SELECTING FEEDBACK RESISTOR DIVIDER VALUES
The regulated output voltage is determined by the resistor
divider across VOUT (R1 and R2 in Figure 2). The ratio
of R2 to R1 needed to produce a desired VOUT can be
calculated:
R2 =
V
OUT – 0.8V
0.8V
•R1
VCC
ITH/RUN
LTC3803-5
GND
NGATE
SENSE
VFB
5
6
4
1
2
3
D1
COUT
CIN
LSEC
LPRI
CVCC
CC
VOUT
38035 F02
RSENSE
RSL
R1
RVCC
R2
Q1
T1
VIN


Similar Part No. - LTC3803-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803-5 LINER-LTC3803-5 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3803-5 LINER-LTC3803-5 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
LTC3803-5 AD-LTC3803-5 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LTC3803-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com