Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3803-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3803-5
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803-5 Datasheet(HTML) 3 Page - Linear Technology

  LTC3803-5 Datasheet HTML 1Page - Linear Technology LTC3803-5 Datasheet HTML 2Page - Linear Technology LTC3803-5 Datasheet HTML 3Page - Linear Technology LTC3803-5 Datasheet HTML 4Page - Linear Technology LTC3803-5 Datasheet HTML 5Page - Linear Technology LTC3803-5 Datasheet HTML 6Page - Linear Technology LTC3803-5 Datasheet HTML 7Page - Linear Technology LTC3803-5 Datasheet HTML 8Page - Linear Technology LTC3803-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3803-5
3
38035fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCLAMP25mA
VCC Shunt Regulator Voltage at 25mA
ICC = 25mA, VITH/RUN = 0V
LTC3803E-5
LTC3803I-5, LTC3803H-5
LTC3803MP-5
l
l
l
6.3
6.3
6
8.1
8.1
8.1
10.3
10.7
10.7
V
V
V
ICC
Input DC Supply Current in
Normal Operation
(Note 4)
VITH/RUN = 1.3V
240
350
μA
ICC,(UV)
Input DC Supply Current in
Undervoltage
VCC = VTURNON – 100mV
LTC3803E-5
LTC3803I-5, LTC3803H-5, LTC3803MP-5
l
l
40
40
90
100
μA
μA
VITHSHDN
Shutdown Threshold (at ITH/RUN)
VCC > VTURNON, VITH/RUN Falling
LTC3803E-5
LTC3803I-5, LTC3803H-5
LTC3803MP-5
l
l
l
0.12
0.08
0.08
0.28
0.28
0.28
0.45
0.45
0.47
V
V
V
IITHSTART
Start-Up Current Source
VITH/RUN = 0V
LTC3803E-5
LTC3803I-5, LTC3803H-5, LTC3803MP-5
l
l
0.07
0.07
0.34
0.34
0.8
1
μA
μA
VFB
Regulated Feedback Voltage
(Note 5)
LTC3803E-5:
0°C ≤ TJ ≤ 85°C
–40°C ≤ TJ ≤ 85°C
LTC3803I-5:
0°C ≤ TJ ≤ 85°C
–40°C ≤ TJ ≤ 125°C
LTC3803H-5:
0°C ≤ TJ ≤ 85°C
–40°C ≤ TJ ≤ 150°C
LTC3803MP-5:
0°C ≤ TJ ≤ 85°C
–55°C ≤ TJ ≤ 150°C
l
l
l
l
0.788
0.780
0.788
0.780
0.788
0.780
0.788
0.780
0.800
0.800
0.800
0.800
0.800
0.800
0.800
0.800
0.812
0.816
0.812
0.820
0.812
0.820
0.812
0.820
V
V
V
V
V
V
V
V
gm
Error Amplifier Transconductance
ITH/RUN Pin Load = ±5μA (Note 5)
200
333
500
μA/V
ΔVO(LINE)
Output Voltage Line Regulation
(Note 5)
0.1
mV/V
ΔVO(LOAD)
Output Voltage Load Regulation
ITH/RUN Sinking 5μA (Note 5)
ITH/RUN Sourcing 5μA (Note 5)
3
3
mV/μA
mV/μA
IFB
VFB Input Current
(Note 5)
10
50
nA
fOSC
Oscillator Frequency
VITH/RUN = 1.3V
170
200
230
kHz
DCON(MIN)
Minimum Switch On Duty Cycle
VITH/RUN = 1.3V, VFB = 0.8V
6.5
8.5
%
DCON(MAX)
Maximum Switch On Duty Cycle
VITH/RUN = 1.3V, VFB = 0.8V
70
80
90
%
tRISE
Gate Drive Rise Time
CLOAD = 3000pF
40
ns
tFALL
Gate Drive Fall Time
CLOAD = 3000pF (Note 7)
40
ns
VIMAX
Peak Current Sense Voltage
RSL = 0 (Note 6)
LTC3803E-5
LTC3803I-5, LTC3803H-5
LTC3803MP-5
l
l
l
90
85
85
100
100
100
115
115
120
mV
mV
mV
ISLMAX
Peak Slope Compensation Output
Current
(Note 7)
5
μA
tSFST
Soft-Start Time
0.7
ms


Similar Part No. - LTC3803-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803-5 LINER-LTC3803-5 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3803-5 LINER-LTC3803-5 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
LTC3803-5 AD-LTC3803-5 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LTC3803-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com