Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI3256A-50LM Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPLSI3256A-50LM
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3256A-50LM Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPLSI3256A-50LM Datasheet HTML 1Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 2Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3256A-50LM Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Specifications ispLSI 3256A
2
Functional Block Diagram
Figure 1. ispLSI 3256A Functional Block Diagram
Output Routing Pool (ORP)
Global Routing Pool
(GRP)
H3
H2
H1
H0
E3
E2
E1
E0
F3
F2
F1
F0
TOE
ISP and
Boundary
Scan TAP
RESET
I/O 95
I/O 94
I/O 93
I/O 92
I/O 91
I/O 90
I/O 89
I/O 88
I/O 87
I/O 86
I/O 85
I/O 84
I/O 83
I/O 82
I/O 81
I/O 80
I/O 79
I/O 78
I/O 77
I/O 76
I/O 75
I/O 74
I/O 73
I/O 72
I/O 71
I/O 70
I/O 69
I/O 68
I/O 67
I/O 66
I/O 65
I/O 64
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
Output Routing Pool (ORP)
G3
G2
G1
G0
Output Routing Pool (ORP)
C0
C1
C2
C3
Output Routing Pool (ORP)
D0
D1
D2
D3
B0
B1
B2
B3
A0
A1
A2
A3
Input Bus
Input Bus
Input Bus
Input Bus
TDI/SDI
TRST
TDO/SDO
0139isp/3256A
Generic
Logic
Blocks


Similar Part No. - ISPLSI3256A-50LM

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI3256-50LG LATTICE-ISPLSI3256-50LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-50LM LATTICE-ISPLSI3256-50LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LG LATTICE-ISPLSI3256-70LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LM LATTICE-ISPLSI3256-70LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI3256A-50LM

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com