Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1117 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XB1117
Description  1A Low Dropout Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1117 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XB1117_15 Datasheet HTML 2Page - Torex Semiconductor XB1117_15 Datasheet HTML 3Page - Torex Semiconductor XB1117_15 Datasheet HTML 4Page - Torex Semiconductor XB1117_15 Datasheet HTML 5Page - Torex Semiconductor XB1117_15 Datasheet HTML 6Page - Torex Semiconductor XB1117_15 Datasheet HTML 7Page - Torex Semiconductor XB1117_15 Datasheet HTML 8Page - Torex Semiconductor XB1117_15 Datasheet HTML 9Page - Torex Semiconductor XB1117_15 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
XB1117 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
3.267
3.300
3.333
Output Voltage
VOUT
VIN=5.0V
IOUT=0A
*Over Temp.
3.234
3.300
3.366
V
Line Regulation
ΔVOUT1
4.75V
≦VIN≦7.0V
IOUT=0A
-
1.0
4.5
-
3.4
10.0
Load Regulation
ΔVOUT2
VIN=5.0V
0A
≦IOUT≦1.0V
*Over Temp.
-
6.7
13.4
mV
-
1.2
1.4
Dropout Voltage
Vdif
ΔVOUT=±1%
0A
≦IOUT≦1.0A
*Over Temp.
-
1.3
-
V
Current Limit
ILIM
4.75V
≦VIN≦7.0V
*Over Temp.
1.0
1.5
-
A
Supply Current
ISS
VIN=5.0V
0A
≦IOUT≦1.0A
*Over Temp.
-
6
13
mA
Temperature
Coefficient
TC
4.75V
≦VIN≦7.0V
0A
≦IOUT≦1.0A
-
50
-
ppm/
Temperature Stability
TS
VIN=5.0V
IOUT=100mA
*Over Temp.
-
0.5
-
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
1.238
1.250
1.262
Reference voltage
Vref
VIN=5.0V
IOUT=10mA
*Over Temp.
1.225
1.250
1.275
V
Line Regulation
ΔVOUT1
4.75V
≦VIN≦7.0V
IOUT=0A
-
0.04
0.20
-
0.1
0.3
Load Regulation
ΔVOUT2
VIN=5.0V
10mA
≦IOUT≦1.0A
*Over Temp.
-
0.2
0.4
-
1.2
1.4
Dropout Voltage
Vdif
ΔVOUT=±1%
10mA
≦IOUT≦1.0A
*Over Temp.
-
1.3
-
V
Current Limit
ILIM
2.75A
≦VIN≦7.0V
*Over Temp.
1.0
1.5
-
A
Temperature
Coefficient
TC
2.75V
≦VIN≦7.0V
10mA
≦IOUT≦1.0A
-
50
-
ppm/
55
-
Adjust Pin Current
IADJ
2.75V
≦VIN≦7.0V
10mA
≦IOUT≦1.0A
*Over Temp.
-
-
120
μA
Adjust Pin Current
Change
ΔIADJ
2.75V
≦VIN≦7.0V
10mA
≦IOUT≦1.0A
*Over Temp.
-
0.2
5.0
μA
Temperature Stability
TS
VIN=5.0V
IOUT=100mA
*Over Temp.
-
0.5
-
Minimum Load
Current
IOUT
VOUT=5.0V
-
-
10
mA
XB1117K12B
TJ=25
*Over Temp. = Over Temperature (0
∼+70℃)
TJ =25
XB1117P331
*Over Temp. = Over Temperature (0
∼+70℃)
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XB1117_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFL TOREX-XB1117K12BFL Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFL TOREX-XB1117K12BFL Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR TOREX-XB1117K12BFR Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR TOREX-XB1117K12BFR Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - XB1117_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com