Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLSI1032E-90LJ Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # PLSI1032E-90LJ
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PLSI1032E-90LJ Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button PLSI1032E-90LJ Datasheet HTML 4Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 5Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 6Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 7Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 8Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 9Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 10Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 11Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Specifications ispLSI and pLSI 1032E
Internal Timing Parameters1
GRP Delay, 32 GLB Loads
tiobp
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Table 2-0036B/1032E
Inputs
UNITS
-80
MIN.
-70
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAM.
22 I/O Register Bypass
ns
tiolat
23 I/O Latch Delay
ns
tgrp32
33
–ns
GLB
t1ptxor
36 1 Prod.Term/XOR Path Delay
ns
t20ptxor 37 20 Prod. Term/XOR Path Delay
ns
txoradj
38 XOR Adjacent Path Delay
ns
tgbp
39 GLB Register Bypass Delay
–ns
tgsu
40 GLB Register Setup Time before Clock
ns
tgh
41 GLB Register Hold Time after Clock
ns
tgco
42 GLB Register Clock to Output Delay
ns
3
tgro
43 GLB Register Reset to Output Delay
ns
tptre
44 GLB Prod.Term Reset to Register Delay
ns
tptoe
45 GLB Prod. Term Output Enable to I/O Cell Delay
ns
tptck
46 GLB Prod. Term Clock Delay
ns
ORP
GRP
MIN. MAX.
t4ptbpc 34 4 Prod.Term Bypass Path Delay (Combinatorial)
ns
t4ptbpr
35 4 Prod. Term Bypass Path Delay (Registered)
ns
0.5
7.9
4.5
torp
47 ORP Delay
ns
torpbp
48 ORP Bypass Delay
0.0
ns
tiosu
24 I/O Register Setup Time before Clock
3.5
ns
tioh
25 I/O Register Hold Time after Clock
0.0
ns
tioco
26 I/O Register Clock to Out Delay
ns
tior
27 I/O Register Reset to Out Delay
ns
tdin
28 Dedicated Input Delay
ns
tgrp16
32 GRP Delay, 16 GLB Loads
ns
tgrp8
31 GRP Delay, 8 GLB Loads
ns
tgrp4
30 GRP Delay, 4 GLB Loads
ns
tgrp1
29 GRP Delay, 1 GLB Load
ns
0.3
2.7
4.8
6.6
7.8
8.2
1.3
2.9
6.4
5.5
8.0
7.1
6.7
5.8
1.0
0.0
5.4
5.4
2.8
3.5
2.8
2.5
2.2
0.5
8.8
4.8
4.0
0.0
0.3
3.3
5.6
8.3
8.7
9.2
1.6
2.9
6.8
5.8
9.0
8.8
7.2
6.2
1.0
6.1
6.0
2.8
4.0
3.2
2.5
2.5
-90
0.2
6.8
4.1
3.5
0.0
0.3
2.3
4.4
5.6
6.8
7.1
0.4
2.9
6.3
5.1
7.1
5.7
6.1
5.3
1.0
0.0
5.0
5.0
2.6
3.2
2.6
2.3
2.1


Similar Part No. - PLSI1032E-90LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PLSI1032E-90LJ LATTICE-PLSI1032E-90LJ Datasheet
301Kb / 17P
   High-Density Programmable Logic
More results

Similar Description - PLSI1032E-90LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com