Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLSI1032E-90LJ Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # PLSI1032E-90LJ
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PLSI1032E-90LJ Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button PLSI1032E-90LJ Datasheet HTML 5Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 6Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 7Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 8Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 9Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 10Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 11Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 12Page - Lattice Semiconductor PLSI1032E-90LJ Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Specifications ispLSI and pLSI 1032E
Internal Timing Parameters1
tob
1. Internal Timing Parameters are not tested and are for reference only.
Table 2-0037A/1032E
Outputs
UNITS
-100
MIN.
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAM.
49 Output Buffer Delay
ns
toen
51 I/O Cell OE to Output Enabled
ns
tgy0
54 Clk Delay, Y0 to Global GLB Clk Line (Ref. clk)
ns
Global Reset
Clocks
tgr
59 Global Reset to GLB and I/O Registers
ns
todis
52 I/O Cell OE to Output Disabled
ns
tgy1/2
55 Clk Delay, Y1 or Y2 to Global GLB Clk Line
ns
tgcp
56 Clk Delay, Clock GLB to Global GLB Clk Line
ns
tioy2/3
57 Clk Delay, Y2 or Y3 to I/O Cell Global Clk Line
ns
tiocp
58 Clk Delay, Clk GLB to I/O Cell Global Clk Line
ns
tgoe
53 Global OE
ns
tsl
50 Output Buffer Delay, Slew Limited Adder
ns
-125
1.5
1.5
0.8
0.0
0.8
2.0
5.1
1.5
4.3
5.1
1.5
1.8
0.0
1.8
3.9
10.0
1.4
1.4
0.8
0.0
0.8
1.3
4.3
1.4
2.8
4.3
1.4
1.8
0.0
1.8
2.7
9.9


Similar Part No. - PLSI1032E-90LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PLSI1032E-90LJ LATTICE-PLSI1032E-90LJ Datasheet
301Kb / 17P
   High-Density Programmable Logic
More results

Similar Description - PLSI1032E-90LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com