Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30A45CTFP-G Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SBR30A45CTFP-G
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A45CTFP-G Datasheet(HTML) 5 Page - Diodes Incorporated

  SBR30A45CTFP-G Datasheet HTML 1Page - Diodes Incorporated SBR30A45CTFP-G Datasheet HTML 2Page - Diodes Incorporated SBR30A45CTFP-G Datasheet HTML 3Page - Diodes Incorporated SBR30A45CTFP-G Datasheet HTML 4Page - Diodes Incorporated SBR30A45CTFP-G Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30A45
Document number: DS30981 Rev. 8 - 2
5 of 5
www.diodes.com
August 2012
© Diodes Incorporated
SBR30A45CT
SBR30A45CTFP
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2012, Diodes Incorporated
www.diodes.com


Similar Part No. - SBR30A45CTFP-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A45CTFP DIODES-SBR30A45CTFP Datasheet
178Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A45 Rev. 2
More results

Similar Description - SBR30A45CTFP-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com