Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPGDX80VA-7T100I Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPGDX80VA-7T100I
Description  In-System Programmable 3.3V Generic Digital CrosspointTM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX80VA-7T100I Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPGDX80VA-7T100I Datasheet HTML 7Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 8Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 9Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 10Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 11Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 12Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 13Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 14Page - Lattice Semiconductor ISPGDX80VA-7T100I Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
Specifications ispGDX80VA
5.0
5.0
5.0
8.5
6.0
9.5
6.0
6.0
6.0
6.0
14.0
5.0
0.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Data Prop. Delay from Any I/O pin to Any I/O Pin (4:1 MUX)
Data Prop. Delay from MUXsel Inputs to Any Output (4:1 MUX)
Clock Frequency, Max. Toggle
Clock Frequency with External Feedback
Input Latch or Register Setup Time Before Y
x
Input Latch or Register Setup Time Before I/O Clock
Output Latch or Register Setup Time Before Y
x
Output Latch or Register Setup Time Before I/O Clock
Global Clock Enable Setup Time Before Y
x
Global Clock Enable Setup Time Before I/O Clock
I/O Clock Enable Setup Time Before Y
x
Input Latch or Reg. Hold Time (Y
x)
Input Latch or Reg. Hold Time (I/O Clock)
Output Latch or Reg. Hold Time (Y
x)
Output Latch or Reg. Hold Time (I/O Clock)
Global Clock Enable Hold Time (Y
x)
Global Clock Enable Hold Time (I/O Clock)
I/O Clock Enable Hold Time (Y
x)
Output Latch or Reg. Clock (from Y
x) to Output Delay
Input Latch or Register Clock (from Y
x) to Output Delay
Output Latch or Register Clock (from I/O pin) to Output Delay
Input Latch or Register Clock (from I/O pin) to Output Delay
Input to Output Enable
Input to Output Disable
Test OE Output Enable
Test OE Output Disable
Clock Pulse Duration, High
Clock Pulse Duration, Low
Register Reset Delay from RESET Low
Reset Pulse Width
Output Delay Adder for Output Timings Using Slow Slew Rate
Output Skew (tgco1 Across Chip)
External Timing Parameters
Over Recommended Operating Conditions
ns
ns
MHz
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
143
111
4.0
3.0
4.0
3.0
2.5
1.5
4.5
0.0
1.5
0.0
1.5
0.0
1.5
0.0
3.5
3.5
10.0
A
A
A
A
A
A
B
C
B
C
D
A
tpd2
tsel2
fmax (Tog.)
fmax (Ext.)
tsu1
tsu2
tsu3
tsu4
tsuce1
tsuce2
tsuce3
th1
th2
th3
th4
thce1
thce2
thce3
tgco12
tgco22
tco12
tco22
ten2
tdis2
ttoeen2
ttoedis2
twh
twl
trst
trw
tsl
tsk
DESCRIPTION
PARAMETER
(
)
1
tsu3+tgco1
UNITS
-5
MIN. MAX.
1. All timings measured with one output switching, fast output slew rate setting, except
tsl.
2. The delay parameters are measured with Vcc as I/O voltage reference. An additional 0.5ns delay is incurred when Vccio is
used as I/O voltage reference.
#
3.5
3.5
3.5
6.0
4.0
7.0
5.0
5.0
6.0
6.0
8.0
3.5
0.5
250
166.7
3.0
2.5
2.5
2.0
2.5
1.5
3.0
0.0
0.5
0.0
1.0
0.0
1.0
0.0
2.0
2.0
5.0
-3
MIN. MAX.
TEST1
COND.


Similar Part No. - ISPGDX80VA-7T100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX80A-5T100 LATTICE-ISPGDX80A-5T100 Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX80A-5T100 LATTICE-ISPGDX80A-5T100 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX80A-7T100 LATTICE-ISPGDX80A-7T100 Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX80A-7T100 LATTICE-ISPGDX80A-7T100 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDX80VA-7T100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDXTMFAMILY LATTICE-ISPGDXTMFAMILY Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com