Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8D-3LJ Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL16V8D-3LJ
Description  High Performance E2CMOS PLD Generic Array Logic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-3LJ Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL16V8D-3LJ Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 9Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 10Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 13Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-3LJ Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Specifications GAL16V8D
11
tpd
A
Input or I/O to Comb. Output
1
3.5
1
5
1
7.5
ns
tco
A
Clock to Output Delay
1
3
1
4
1
5
ns
tcf2
Clock to Feedback Delay
2.5
3
3
ns
tsu
Setup Time, Input or Feedback before Clock
2.5
3
5
ns
th
Hold Time, Input or Feedback after Clock
0—
0
0
ns
A
Maximum Clock Frequency with
182
142.8 —
100
MHz
External Feedback, 1/(tsu + tco)
A
Maximum Clock Frequency with
200
166
125
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
250
166
125
MHz
No Feedback
twh
Clock Pulse Duration, High
2 4
—3 4
—4
ns
twl
Clock Pulse Duration, Low
2 4
—3 4
—4
ns
ten
B
Input or I/O to Output Enabled
4.5
1
6
1
9
ns
B
OE to Output Enabled
4.5
1
6
1
6
ns
tdis
C
Input or I/O to Output Disabled
4.5
1
5
1
9
ns
C
OE to Output Disabled
4.5
1
5
1
6
ns
-5
MIN. MAX.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
AC Switching Characteristics
Over Recommended Operating Conditions
-7
MIN. MAX.
UNITS
PARAMETER
TEST
COND1.
DESCRIPTION
COM / IND
COM
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
3) Refer to fmax Descriptions section. Characterized but not 100% tested.
4) Characterized but not 100% tested.
fmax3
-3
MIN. MAX.
COM
Capacitance (T
A = 25°C, f = 1.0 MHz)


Similar Part No. - GAL16V8D-3LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-3LJ LATTICE-GAL16V8D-3LJ Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-3LJ LATTICE-GAL16V8D-3LJ Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-3LJ LATTICE-GAL16V8D-3LJ Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-3LJ LATTICE-GAL16V8D-3LJ Datasheet
767Kb / 26P
   All Devices Discontinued
GAL16V8D-3LJ LATTICE-GAL16V8D-3LJ Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
More results

Similar Description - GAL16V8D-3LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com