Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC74WL74AASR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC74WL74AASR
Description  CMOS Logic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL74AASR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC74WL74AASR_15 Datasheet HTML 1Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 2Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 3Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 4Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
XC74WL74AASR
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VCC
-0.5~+6.0
V
Input Voltage
VIN
-0.5~+6.0
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Diode Current
IIK
-20
mA
Output Diode Current
IOK
±
20
mA
Switch Output Current
IOUT
±
25
mA
VCC,GND Current
ICC,IGND
±
50
mA
Power Dissipation (Ta = 25℃)
Pd
300
mW
Storage Temperature Range
Tstg
-65~+150
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VCC
2~5.5
V
Input Voltage
VIN
0~5.5
V
Output Voltage
VOUT
0~ VCC
V
Operating Temperature Range
Topr
-40~+85
0~200(VCC=3.3V)
Input Rise and Fall Time
tr, tf
0~100(VCC=5V)
ns
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
2.0
1.5
1.5
3.0
2.1
2.1
VIH
5.5
3.85
3.85
V
2.0
0.5
0.5
3.0
0.9
0.9
Input Voltage
VIL
5.5
1.65
1.65
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
4.5
IOH=-50μA
4.4
4.5
4.4
3.0
IOH=-4mA
2.58
2.48
VOH
4.5
VIN=VIL
IOH=-8mA
3.94
3.80
V
2.0
0.1
0.1
3.0
0.1
0.1
4.5
IOL=50μA
0.1
0.1
3.0
IOL=4mA
0.36
0.44
Output Voltage
VOL
4.5
VIN=VIL or VIH
IOL=8mA
0.36
0.44
V
Input Current
IIN
0~5.5
VIN=VCC or GND
-0.1
0.1
-1.0
1.0
μ
A
Static Supply Current
ICC
5.5
VIN=VCC or GND,IOUT=0μA
1.0
10.0
μ
A
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Ta=-40℃~85℃
Note; Voltage is all ground standardized.


Similar Part No. - XC74WL74AASR_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL74AASR-12 TOREX-XC74WL74AASR-12 Datasheet
212Kb / 5P
   CMOS Logic
XC74WL74AASR TOREX-XC74WL74AASR_12 Datasheet
212Kb / 5P
   CMOS Logic
More results

Similar Description - XC74WL74AASR_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
113Kb / 3P
   CMOS LOGIC
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com