Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16LV8C-10LJ Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # GAL16LV8C-10LJ
Description  Low Voltage E2CMOS PLD Generic Array Logic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16LV8C-10LJ Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button GAL16LV8C-10LJ Datasheet HTML 6Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 7Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 8Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 9Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 10Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 11Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 12Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 13Page - Lattice Semiconductor GAL16LV8C-10LJ Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Specifications GAL16LV8D
10
VIL
Input Low Voltage
Vss – 0.3
0.8
V
VIH
Input High Voltage
2.0
5.25
V
I/O High Voltage
2.0
Vcc+0.5
V
IIL1
Input or I/O Low Leakage Current
0V
≤ VIN ≤ VIL (MAX.)
–100
µA
IIH
Input or I/O High Leakage Current
(Vcc-0.2)V
≤ VIN ≤ VCC
——
10
µA
Input High Leakage Current
Vcc
≤ VIN ≤ 5.25V
10
µA
I/O High Leakage Current
Vcc
≤ VIN ≤ 4.6V
20
mA
VOL
Output Low Voltage
IOL = MAX. Vin = VIL or VIH
0.4
V
IOL = 500
µA Vin = VIL or VIH
0.2
V
VOH
Output High Voltage
IOH = MAX. Vin = VIL or VIH
2.4
V
IOH = -100
µA Vin = VIL or VIH
Vcc-0.2V
V
IOL
Low Level Output Current
8
mA
IOH
High Level Output Current
–8
mA
IOS2
Output Short Circuit Current
VCC = 3.3V
VOUT = 0.5V T
A= 25°C
–15
–80
mA
Recommended Operating Conditions
Commercial Devices:
Ambient Temperature (T
A) ............................... 0 to 75°C
Supply voltage (V
CC)
with Respect to Ground ......................... +3.0 to +3.6V
Absolute Maximum Ratings(1)
Supply voltage V
CC ................................... –0.5 to +4.6V
Input voltage applied ................................ –0.5 to +5.6V
I/O voltage applied ................................... –0.5 to +4.6V
Off-state output voltage applied ............... –0.5 to +4.6V
Storage Temperature ................................ –65 to 150
°C
Ambient Temperature with
Power Applied ........................................ –55 to 125
°C
1.Stresses above those listed under the “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress only ratings and functional operation of the device at
these or at any other conditions above those indicated in the
operational sections of this specification is not implied (while
programming, follow the programming specifications).
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.3
MAX.
UNITS
1) The leakage current is due to the internal pull-up resistor on all pins. See Input Buffer section for more information.
2) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester
ground degradation. Characterized but not 100% tested.
3) Typical values are at Vcc = 3.3V and TA = 25
°C
COMMERCIAL
ICC
Operating Power
VIL = 0V
VIH = 3.0V
Unused Inputs at VIL
—45
70
mA
Supply Current
ftoggle = 1MHz Outputs Open
DC Electrical Characteristics
Over Recommended Operating Conditions (Unless Otherwise Specified)


Similar Part No. - GAL16LV8C-10LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16LV8C-10LJ LATTICE-GAL16LV8C-10LJ Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8C-10LJN LATTICE-GAL16LV8C-10LJN Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16LV8C-10LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL26CLV12 LATTICE-GAL26CLV12 Datasheet
225Kb / 13P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8 LATTICE-GAL16LV8_04 Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com