Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2401A8167R-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2401A8167R-G
Description  1.6 GHz Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2401A8167R-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2401A8167R-G_15 Datasheet HTML 1Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 2Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 3Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 4Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 5Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 6Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 7Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 8Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
XC2401A8167R-G
DC Characteristics
Fixed Bias (refer to TYPICAL APPLICATION CIRCUIT, Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Power Supply Pin Voltage
VDD
-
1.14
1.20
1.26
V
Current Circuit
IDD
VDD=1.2V
5.5
10.5
mA
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Power Supply
Voltage 1
VIN1
Rbias=560Ω±1%
±
200ppm/℃
2.850
3.000
3.150
V
Input Power Supply
Voltage 2
VIN2
Rbias=470Ω±1%,
±
200ppm/℃
2.708
2.850
2.992
V
Input Power Supply
Voltage 3
VIN3
Rbias=160Ω±1%,
±
200ppm/℃
1.710
1.800
1.890
V
Power Supply Pin Voltage
VDD
VIN = VIN1, VIN2, VIN3
0.90
1.12
1.32
V
Current Circuit
IDD
VIN = VIN1, VIN2, VIN3
-
4.25
5.50
mA
ELECTRICAL CHARACTERISTICS
Ta=25℃
* When the device is used in self bias, please use the specified RBIAS and CBIAS.
Self Bias (refer to TYPICAL APPLICATION CIRCUIT,Figure 2)


Similar Part No. - XC2401A8167R-G_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results

Similar Description - XC2401A8167R-G_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Tyco Electronics
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
   1.6 GHz GaAs LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com