Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8C-7LP Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL16V8C-7LP
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8C-7LP Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL16V8C-7LP Datasheet HTML 7Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 8Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 9Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 10Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 11Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 12Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 13Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 14Page - Lattice Semiconductor GAL16V8C-7LP Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Specifications GAL16V8
1996 Data Book
3-75
Specifications GAL16V8C
AC SWITCHING CHARACTERISTICS
Over Recommended Operating Conditions
-7
MIN. MAX.
-7
MIN. MAX.
tpd
A
Input or I/O to
8 outputs switching
1
5
3
7.5
1
7.5
ns
Comb. Output
1 output switching
7
ns
tco
A
Clock to Output Delay
1
4
2
515ns
tcf2
Clock to Feedback Delay
3
3
3
ns
tsu
Setup Time, Input or Feedback before Clock
3
7
—7—ns
th
Hold Time, Input or Feedback after Clock
0
0
—0—ns
A
Maximum Clock Frequency with
142.8 —
83.3
83.3
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
166
100
100
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
166
100
100
MHz
No Feedback
twh
Clock Pulse Duration, High
3
5
—5—ns
twl
Clock Pulse Duration, Low
3
5
—5—ns
ten
B
Input or I/O to Output Enabled
1
6
3
919ns
B
OE to Output Enabled
1
6
2
616ns
tdis
C
Input or I/O to Output Disabled
1
5
2
919ns
C
OE to Output Disabled
1
5
1.5
616ns
UNITS
PARAMETER
TEST
COND1.
DESCRIPTION
IND
COM
COM
-5
MIN. MAX.
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
3) Refer to fmax Descriptions section. Characterized initially and after any design or process changes that may affect these
parameters.
CAPACITANCE (T
A = 25°C, f = 1.0 MHz)
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Guaranteed but not 100% tested.


Similar Part No. - GAL16V8C-7LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8C-7LP LATTICE-GAL16V8C-7LP Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8C-7LP LATTICE-GAL16V8C-7LP Datasheet
767Kb / 26P
   All Devices Discontinued
More results

Similar Description - GAL16V8C-7LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com