Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2404 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC2404
Description  1.6GHz Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2404 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC2404_15 Datasheet HTML 6Page - Torex Semiconductor XC2404_15 Datasheet HTML 7Page - Torex Semiconductor XC2404_15 Datasheet HTML 8Page - Torex Semiconductor XC2404_15 Datasheet HTML 9Page - Torex Semiconductor XC2404_15 Datasheet HTML 10Page - Torex Semiconductor XC2404_15 Datasheet HTML 11Page - Torex Semiconductor XC2404_15 Datasheet HTML 12Page - Torex Semiconductor XC2404_15 Datasheet HTML 13Page - Torex Semiconductor XC2404_15 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
XC2404A816UR-G
-20
-18
-16
-14
-12
-10
1.12 1.14 1.16 1.18 1.2 1.22 1.24 1.26 1.28
Supply Voltage: V
DD(V)
Ta=25℃、f =1.575+1.576GHz,Pin=-45dBm
-28
-27
-26
-25
-24
-23
1.12 1.14 1.16 1.18
1.2
1.22 1.24 1.26 1.28
Supply Voltage : VDD (V)
Ta = 25℃
-1
2
5
8
11
14
17
20
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD=1.2V
20
22
24
26
28
30
32
-50
-25
0
255075
100
Ambient Temperature:Ta(℃)
VDD= 1.2V Pin=-40dBm
-20
-17
-14
-11
-8
-5
-2
1
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD= 1.2V Pin=-40dBm
-40
-34
-28
-22
-16
-10
-4
2
-50
-25
0
255075
100
Ambient Temperature:Ta(℃)
VDD= 1.2V Pin=-40dBm
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Input 3 Order Intercept Point vs. Supply Voltage
XC2404A816
XC2404A816
(8) Input Power @ 1dB Gain compression vs. Power Supply Voltage
(9) Supply Current vs. Ambient Temperature
XC2404A816
(10) Power Gain vs. Ambient Temperature
XC2404A816
(11) Input Return Loss vs. Ambient Temperature
XC2404A816
(12) Output Return Loss vs. Ambient Temperature
XC2404A816


Similar Part No. - XC2404_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404-12 TOREX-XC2404-12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
More results

Similar Description - XC2404_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404-12 TOREX-XC2404-12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Toshiba Semiconductor
TA4008F TOSHIBA-TA4008F Datasheet
138Kb / 4P
   1.6GHz BAND BUFFER AMPLIFIER APPLICATIONS)
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com