Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4655 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4655
Description  Virtually increasing the number of serial communication peripherals in STM32 applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4655 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4655 Datasheet HTML 2Page - STMicroelectronics AN4655 Datasheet HTML 3Page - STMicroelectronics AN4655 Datasheet HTML 4Page - STMicroelectronics AN4655 Datasheet HTML 5Page - STMicroelectronics AN4655 Datasheet HTML 6Page - STMicroelectronics AN4655 Datasheet HTML 7Page - STMicroelectronics AN4655 Datasheet HTML 8Page - STMicroelectronics AN4655 Datasheet HTML 9Page - STMicroelectronics AN4655 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
HW methods
AN4655
6/21
DocID027483 Rev 1
Figure 1. Remapping option principle
Figure 2. Multiplexing principle while using dedicated group of routing interface (RI)
During debug, an additional communication port is often needed to communicate the
application specific diagnostic information and system monitoring during real run. User can
setup virtual COM communication port at SWO pin while using specific instrumentation
trace macro-cell (ITM) and Serial Wire Viewer (SWV) interface.
The ITM is an application-driven trace source that supports printf style debugging to trace
Operating System (OS) and application events, and emits diagnostic system information via
STLink tool. The ITM module is available at some latest products and so save standard


Similar Part No. - AN4655

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4650 STMICROELECTRONICS-AN4650 Datasheet
1Mb / 102P
   This document is intended to provide usage information
AN4651 STMICROELECTRONICS-AN4651 Datasheet
385Kb / 34P
   STM32F3 series peripheral interconnect matrix
AN4653 STMICROELECTRONICS-AN4653 Datasheet
273Kb / 13P
   Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
AN4654 STMICROELECTRONICS-AN4654 Datasheet
645Kb / 32P
   Migrating between STM32L1 and STM32L0 series microcontrollers
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
   For more and more applications using STM32 products
More results

Similar Description - AN4655

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1178 STMICROELECTRONICS-TN1178 Datasheet
231Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1176 STMICROELECTRONICS-TN1176 Datasheet
270Kb / 15P
   To ease the development of STM32 microcontroller applications
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1177 STMICROELECTRONICS-TN1177 Datasheet
232Kb / 12P
   To ease the development of STM32 microcontroller applications
logo
Synaptics Incorporated.
CX20805 CONEXANT-CX20805 Datasheet
112Kb / 2P
   Unified Communication Peripherals
logo
STMicroelectronics
AN4547 STMICROELECTRONICS-AN4547 Datasheet
151Kb / 6P
   Designers of STM32 microcontroller applications must have the possibility
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
   Universal USB to serial communication interface demonstration board based on the STM32
AN4660 STMICROELECTRONICS-AN4660 Datasheet
311Kb / 27P
   Designers of STM32 microcontroller applications must have the possibility
AN2648 STMICROELECTRONICS-AN2648 Datasheet
167Kb / 15P
   Increasing the resolution of analog temperature sensors
logo
Analog Devices
CN-0294 AD-CN-0294 Datasheet
427Kb / 5P
   Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com