Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8Z-12QS Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # GAL16V8Z-12QS
Description  Zero Power E2CMOS PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8Z-12QS Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button GAL16V8Z-12QS Datasheet HTML 4Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 5Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 6Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 7Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 8Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 9Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 10Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 11Page - Lattice Semiconductor GAL16V8Z-12QS Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Specifications GAL16V8Z
GAL16V8ZD
8
Combinatorial Output with Feedback Configuration
for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Combinatorial Output Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- Pins 15 & 16 are permanently configured to this
function.
Dedicated Input Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
In the Simple mode, macrocells are configured as dedicated inputs
or as dedicated, always active, combinatorial outputs.
Architecture configurations available in this mode are similar to the
common 10L8 and 12P6 devices with many permutations of ge-
neric output polarity or input choices.
All outputs in the simple mode have a maximum of eight porduct
terms that can control the logic. In addition, each output has pro-
grammable polarity.
Pins 1 and 11 are always available as data inputs into the AND
array. The center two macrocells (pins 15 & 16) cannot be used
in the input configuration.
Pin 4 is used as dedicated power-down pin on GAL16V8ZD. It can-
not be used as functional input.
The JEDEC fuse numbers including the UES fuses and PTD fuses
are shown on the logic diagram.
Vcc
XOR
Vcc
XOR
Simple Mode


Similar Part No. - GAL16V8Z-12QS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
logo
STMicroelectronics
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
736Kb / 14P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
810Kb / 15P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16V8Z-12QS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20V8Z LATTICE-GAL20V8Z Datasheet
307Kb / 19P
   Zero Power E2CMOS PLD
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
GAL-16V8 LATTICE-GAL-16V8 Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
ISPGAL22V10 LATTICE-ISPGAL22V10 Datasheet
247Kb / 15P
   In-System Programmable E2CMOS PLD
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com