Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL18V10B-7LJ Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # GAL18V10B-7LJ
Description  High Performance E2CMOS PLD Generic Array Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL18V10B-7LJ Datasheet(HTML) 3 Page - Lattice Semiconductor

  GAL18V10B-7LJ Datasheet HTML 1Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 2Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 3Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 4Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 5Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 6Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 7Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 8Page - Lattice Semiconductor GAL18V10B-7LJ Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Specifications GAL18V10
3
GAL18V10 OUTPUT LOGIC MACROCELL (OLMC)
Each of the Macrocells of the GAL18V10 has two primary functional
modes: registered, and combinatorial I/O. The modes and the
output polarity are set by two bits (SO and S1), which are normally
controlled by the logic compiler. Each of these two primary modes,
and the bit settings required to enable them, are described below
and on the the following page.
REGISTERED
In registered mode the output pin associated with an individual
OLMC is driven by the Q output of that OLMC’s D-type flip-flop.
Logic polarity of the output signal at the pin may be selected by
specifying that the output buffer drive either true (active high) or
inverted (active low). Output tri-state control is available as an in-
dividual product term for each OLMC, and can therefore be defined
by a logic equation. The D flip-flop’s /Q output is fed back into the
AND array, with both the true and complement of the feedback
available as inputs to the AND array.
NOTE: In registered mode, the feedback is from the /Q output of
the register, and not from the pin; therefore, a pin defined as reg-
istered is an output only, and cannot be used for dynamic
I/O, as can the combinatorial pins.
COMBINATORIAL I/O
In combinatorial mode the pin associated with an individual OLMC
is driven by the output of the sum term gate. Logic polarity of the
output signal at the pin may be selected by specifying that the output
buffer drive either true (active high) or inverted (active low). Out-
put tri-state control is available as an individual product-term for
each output, and may be individually set by the compiler as either
“on” (dedicated output), “off” (dedicated input), or “product-term
driven” (dynamic I/O). Feedback into the AND array is from the pin
side of the output enable buffer. Both polarities (true and inverted)
of the pin are fed back into the AND array.
The GAL18V10 has a product term for Asynchronous Reset (AR)
and a product term for Synchronous Preset (SP). These two prod-
uct terms are common to all registered OLMCs. The Asynchronous
Reset sets all registered outputs to zero any time this dedicated
product term is asserted. The Synchronous Preset sets all registers
to a logic one on the rising edge of the next clock pulse after this
product term is asserted.
NOTE: The AR and SP product terms will force the Q output of the
flip-flop into the same state regardless of the polarity of the output.
Therefore, a reset operation, which sets the register output to a zero,
may result in either a high or low at the output pin, depending on
the pin polarity chosen.
The GAL18V10 has a variable number of product terms per OLMC.
Of the ten available OLMCs, two OLMCs have access to ten prod-
uct terms (pins 14 and 15), and the other eight OLMCs have eight
product terms each. In addition to the product terms available for
logic, each OLMC has an additional product-term dedicated to out-
put enable control.
The output polarity of each OLMC can be individually programmed
to be true or inverting, in either combinatorial or registered mode.
This allows each output to be individually configured as either active
high or active low.
AR
SP
D
Q
Q
CLK
4 T O 1
MU X
2 T O 1
MU X
Output Logic Macrocell (OLMC)
Output Logic Macrocell Configurations


Similar Part No. - GAL18V10B-7LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL1883 LATTICE-GAL1883 Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL18V10B-7LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com