Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6084 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6084
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084 Datasheet(HTML) 1 Page - Linear Technology

  LTC6084_15 Datasheet HTML 1Page - Linear Technology LTC6084_15 Datasheet HTML 2Page - Linear Technology LTC6084_15 Datasheet HTML 3Page - Linear Technology LTC6084_15 Datasheet HTML 4Page - Linear Technology LTC6084_15 Datasheet HTML 5Page - Linear Technology LTC6084_15 Datasheet HTML 6Page - Linear Technology LTC6084_15 Datasheet HTML 7Page - Linear Technology LTC6084_15 Datasheet HTML 8Page - Linear Technology LTC6084_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6084/LTC6085
1
60845fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual/Quad 1.5MHz,
Rail-to-Rail, CMOS
Amplifiers
The LTC®6084/LTC6085 are dual/quad, low cost, low offset,
rail-to-rail input/output, unity-gain stable CMOS operational
amplifiers that feature 1pA of input bias current.
A 1.5MHz gain bandwidth, and 0.5V/μs slew rate, along
with the wide supply range and a low 0.75mV offset, make
the LTC6084/LTC6085 useful in an extensive variety of ap-
plications from data acquisition to medical equipment and
consumer electronics. The 110μA supply current and the
shutdown mode are ideal for signal processing applications
which demand performance with minimal power.
The LTC6084/LTC6085 have an output stage which swings
within 5mV of either supply rail to maximize signal dynamic
range in low supply applications. The input common
mode range includes the entire supply voltage. These op
amps are specified on power supply voltages of 2.5V and
5V from –40°C to 125°C. The dual amplifier LTC6084 is
available in 8-lead MSOP and 10-lead DFN packages. The
quad amplifier LTC6085 is available in 16-lead SSOP and
DFN packages.
Shock Sensor Amplifier
n Low Offset Voltage: 750μV Maximum
n Low Offset Drift: 5μV/°C Maximum
n Low Input Bias Current:
1pA (Typical at 25°C)
40pA (≤85°C)
n Rail-to-Rail Inputs and Outputs
n 2.5V to 5.5V Operation Voltage
n Gain Bandwidth Product: 1.5MHz
n CMRR: 70dB Minimum
n PSRR: 94dB Minimum
n Supply Current: 110μA per Amplifier
n Shutdown Current: 1.1μA per Amplifier
n Available in 8-Lead MSOP and 10-Lead DFN
Packages (LTC6084) and 16-Lead SSOP and DFN
Packages (LTC6085)
n Portable Test Equipment
n Medical Equipment
n Consumer Electronics
n Data Acquisition
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Input Bias Current
vs Common Mode Voltage
COMMON MODE VOLTAGE (V)
60845 TA01b
10000
1000
100
10
1
0.1
0.01
0
0.5
1
4.5
5
4
1.5
2
2.5
3
3.5
VS = 5V
TA = 125°C
TA = 85°C
TA = 85°C
TA = 25°C
60845 TA01
3V
+
0.22μF
470pF
20M
20M
200k
100k
2k
*
100k
3V
*SHOCK SENSOR MURATA ERIE PKGS-OOMX1
www.murata.com
1/2
LTC6084
VOUT = 120mV/g
7Hz TO 5kHz


Similar Part No. - LTC6084_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6084CDD LINEAR-LTC6084CDD Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6084CDD-PBF LINER-LTC6084CDD-PBF Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6084CDD-TRPBF LINER-LTC6084CDD-TRPBF Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Linear Integrated Syste...
LTC6084CMS8 LINEAR-LTC6084CMS8 Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6084CMS8-PBF LINER-LTC6084CMS8-PBF Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
More results

Similar Description - LTC6084_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com