Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL25L20CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SBL25L20CT
Description  Dual Low VF Common Cathode Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBL25L20CT Datasheet(HTML) 1 Page - Vishay Siliconix

  SBL25L20CT_15 Datasheet HTML 1Page - Vishay Siliconix SBL25L20CT_15 Datasheet HTML 2Page - Vishay Siliconix SBL25L20CT_15 Datasheet HTML 3Page - Vishay Siliconix SBL25L20CT_15 Datasheet HTML 4Page - Vishay Siliconix SBL25L20CT_15 Datasheet HTML 5Page - Vishay Siliconix SBL25L20CT_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SBL25LxxCT, SBLF25LxxCT, SBLB25LxxCT
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jun-13
1
Document Number: 88731
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Low VF Common Cathode Schottky Rectifier
FEATURES
• Power pack
• Low power loss, high efficiency
• Very low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in low voltage, high frequency inverters, switching
mode power supplies, freewheeling diodes, OR-ing diodes,
DC/DC converters, and polarity protection application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 12.5 A
VRRM
20 V to 30 V
IFSM
180 A
VF
0.39 V
TJ max.
150 °C
Package
TO-220AB, ITO-220AB, TO-263AB
Diode variations
Common cathode
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
SBL25LxxCT
ITO-220AB
SBLF25LxxCT
SBLB25LxxCT
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
PIN 2
PIN 1
PIN 3
TO-263AB
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SBL25L20CT
SBL25L25CT
SBL25L30CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
25
30
V
Maximum average forward rectified current
at TC = 95 °C
total device
IF(AV)
25
A
per diode
12.5
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
180
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
Isolation voltage (ITO-220AB only) from terminal to heatsink
t = 1 min
VAC
1500
V


Similar Part No. - SBL25L20CT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25L20CT-E3 VISHAY-SBL25L20CT-E3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
SBL25L20CT-E3 VISHAY-SBL25L20CT-E3 Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBL25L20CTHE3 VISHAY-SBL25L20CTHE3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
SBL25L20CTHE3 VISHAY-SBL25L20CTHE3 Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SBL25L20CT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
01-Jan-2022
SBL25L20CT VISHAY-SBL25L20CT Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
SBLFB25L20CT VISHAY-SBLFB25L20CT Datasheet
149Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
12-Mar-12
logo
Bruckewell Technology L...
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF10200CT BWTECH-MBRF10200CT Datasheet
197Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBRF30150CT BWTECH-TMBRF30150CT Datasheet
113Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com