Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL20V8ZD-12QJ Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # GAL20V8ZD-12QJ
Description  Zero Power E2CMOS PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20V8ZD-12QJ Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button GAL20V8ZD-12QJ Datasheet HTML 6Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 7Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 8Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 9Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 10Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 11Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 12Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 13Page - Lattice Semiconductor GAL20V8ZD-12QJ Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Specifications GAL20V8Z
GAL20V8ZD
10
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
10
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
10
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested
Recommended Operating Conditions
Commercial Devices:
Ambient Temperature (T
A) ............................... 0 to 75°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.75 to +5.25V
DC Electrical Characteristics
Over Recommended Operating Conditions (Unless Otherwise Specified)
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.2
MAX.
UNITS
VIL
Input Low Voltage
Vss – 0.5
0.8
V
VIH
Input High Voltage
2.0
Vcc+1
V
IIL
Input or I/O Low Leakage Current
0V
≤ VIN ≤ VIL (MAX.)
10
µA
IIH
Input or I/O High Leakage Current
3.5V
≤ VIN ≤ VCC
——
10
µA
VOL
Output Low Voltage
IOL = MAX. Vin = VIL or VIH
0.5
V
VOH
Output High Voltage
IOH = MAX. Vin = VIL or VIH
2.4
V
IOH = -100
µA Vin = VIL or VIH
Vcc-1
V
IOL
Low Level Output Current
16
mA
IOH
High Level Output Current
–3.2
mA
IOS1
Output Short Circuit Current
VCC = 5V
VOUT = 0.5V
TA = 25
°C
–30
–150
mA
COMMERCIAL
ISB
Stand-by Power
VIL = GND
VIH = Vcc Outputs Open
Z-12/-15
50
100
µA
Supply Current
ZD-12/-15
ICC
Operating Power
VIL = 0.5V
VIH = 3.0V
Z-12/-15
55
mA
Supply Current
ftoggle = 15 MHz Outputs Open
ZD-12/-15
1) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems by tester ground
degradation. Characterized but not 100% tested.
2) Typical values are at Vcc = 5V and TA = 25
°C
Absolute Maximum Ratings(1)
Supply voltage V
CC ........................................ –.5 to +7V
Input voltage applied .......................... –2.5 to V
CC +1.0V
Off-state output voltage applied ......... –2.5 to V
CC +1.0V
Storage Temperature ................................ –65 to 150
°C
Ambient Temperature with
Power Applied ........................................... –55 to 125
°C
1. Stresses above those listed under the “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress only ratings and functional operation of the device
at these or at any other conditions above those indicated in
the operational sections of this specification is not implied
(while programming, follow the programming specifications).
Capacitance (TA = 25
°C, f = 1.0 MHz)


Similar Part No. - GAL20V8ZD-12QJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
logo
National Semiconductor ...
GAL20V8A-10 NSC-GAL20V8A-10 Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10L NSC-GAL20V8A-10L Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJC NSC-GAL20V8A-10LJC Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJI NSC-GAL20V8A-10LJI Datasheet
601Kb / 16P
   Generic Array Logic
More results

Similar Description - GAL20V8ZD-12QJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8Z LATTICE-GAL16V8Z Datasheet
289Kb / 19P
   Zero Power E2CMOS PLD
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
GAL-16V8 LATTICE-GAL-16V8 Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
ISPGAL22V10 LATTICE-ISPGAL22V10 Datasheet
247Kb / 15P
   In-System Programmable E2CMOS PLD
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com