Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL20XV10 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # GAL20XV10
Description  High-Speed E2CMOS PLD Generic Array Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20XV10 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button GAL20XV10 Datasheet HTML 5Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 6Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 7Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 8Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 9Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 10Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 11Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 12Page - Lattice Semiconductor GAL20XV10 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Specifications GAL20XV10
9
COM
tpd
A
Input or I/O to Combinatorial Output
3
10
3
15
3
20
ns
tco
A
Clock to Output Delay
2
7
2
8
2
10
ns
tcf2
Clock to Feedback Delay
4
4
4ns
tsu
Setup Time, Input or Feedback before Clock
6
8
10
ns
th
Hold Time, Input or Feedback after Clock
0
0
0
ns
A
Maximum Clock Frequency with
76.9
62.5
50
MHz
External Feedback, 1/(tsu + tco)
A
Maximum Clock Frequency with
100
83.3
71.4
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
100
83.3
71.4
MHz
No Feedback
twh
Clock Pulse Duration, High
4
6
7
ns
twl
Clock Pulse Duration, Low
4
6
7
ns
B
Input or I/O to Output Enabled
3
10
3
15
3
20
ns
B
OE to Output Enabled
2
9
2
10
2
15
ns
C
Input or I/O to Output Disabled
3
9
3
15
3
20
ns
C
OE to Output Disabled
2
9
2
10
2
15
ns
PARAMETER
UNITS
-20
MIN. MAX.
TEST
COND.1
DESCRIPTION
-15
MIN. MAX.
fmax3
ten
tdis
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section.
-10
MIN. MAX.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
CI
Input Capacitance
8
pF
VCC = 5.0V, VI = 2.0V
CI/O
I/O Capacitance
8
pF
VCC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested
COM
COM
AC Switching Characteristics
Over Recommended Operating Conditions
Capacitance (T
A = 25°C, f = 1.0 MHz)


Similar Part No. - GAL20XV10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-3LJ LATTICE-GAL20LV8D-3LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-5LJ LATTICE-GAL20LV8D-5LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-7LJ LATTICE-GAL20LV8D-7LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL20XV10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL16VP8 LATTICE-GAL16VP8 Datasheet
216Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL20RA10 LATTICE-GAL20RA10 Datasheet
240Kb / 15P
   High-Speed Asynchronous E2CMOS PLD Generic Array Logic?
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com