Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1206 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN1206
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1206 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN1206 Datasheet HTML 6Page - STMicroelectronics TN1206 Datasheet HTML 7Page - STMicroelectronics TN1206 Datasheet HTML 8Page - STMicroelectronics TN1206 Datasheet HTML 9Page - STMicroelectronics TN1206 Datasheet HTML 10Page - STMicroelectronics TN1206 Datasheet HTML 11Page - STMicroelectronics TN1206 Datasheet HTML 12Page - STMicroelectronics TN1206 Datasheet HTML 13Page - STMicroelectronics TN1206 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Carrier tape mechanical dimensions
TN1206
10/16
DocID027388 Rev 3
5
Carrier tape mechanical dimensions
5.1
Carrier tape width ≤ 24 mm
Possible widths are 16 and 24 mm (refer to Table 1: QFP packages available in tape and
reel packing).
Figure 5. Embossed carrier tape (width ≤ 24 mm)
Table 3. Carrier tape constant dimensions (width ≤ 24 mm)
Tape
width
D0
D1 min
E1
P0
P2
R(1)
S1
T max. T1 max.
Unit
16 mm
1.5+0.1
/-0.0
1.5
1.75±0.1
4.0±0.1
2.0±0.1
30
0.6
0.6
0.1
mm
24 mm
1. The maximum radius the tape with or without components can bend without damage is specified in Section 6: Bending
radius requirements).


Similar Part No. - TN1206

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1205H STMICROELECTRONICS-TN1205H Datasheet
128Kb / 10P
   High temperature 12 A SCRs
More results

Similar Description - TN1206

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1207 STMICROELECTRONICS-TN1207 Datasheet
760Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in SO packages
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
ST-LINK-V2 STMICROELECTRONICS-ST-LINK-V2 Datasheet
265Kb / 5P
   ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
ST-LINK STMICROELECTRONICS-ST-LINK Datasheet
87Kb / 3P
   In-circuit debugger/programmer for STM8 and STM32
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
   Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
October 2013 Rev 10
STLINK-V3SET STMICROELECTRONICS-STLINK-V3SET Datasheet
174Kb / 4P
   STLINK-V3SET debugger/programmer for STM8 and STM32
September 2018 Rev 1
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
   ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
October 2018 Rev 8
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com