Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-20CTQ150-1PbF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-20CTQ150-1PbF
Description  High Performance Schottky Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20CTQ150-1PbF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-20CTQ150-1PbF Datasheet HTML 1Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 2Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 3Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 4Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 5Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 6Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 7Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 8Page - Vishay Siliconix VS-20CTQ150-1PbF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VS-20CTQ150SPbF, VS-20CTQ150-1PbF
www.vishay.com
Vishay Semiconductors
Revision: 29-Jul-14
4
Document Number: 94490
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Average Forward Current vs.
Allowable Lead Temperature
Fig. 6 - Maximum Average Forward Dissipation vs.
Average Forward Current
Fig. 7 - Maximum Peak Surge Forward Current vs. Pulse Duration
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
130
140
150
160
180
170
IF(AV) - Average Forward Current (A)
6
4
8
12
14
210
16
0
DC
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
0
1
3
6
7
8
9
5
4
2
10
IF(AV) - Average Forward Current (A)
6
39
12
15
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - VS-20CTQ150-1PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20CTQ150-1PBF VISHAY-VS-20CTQ150-1PBF Datasheet
140Kb / 8P
   High Performance Schottky Rectifier, 2 x 10 A
08-Feb-17
More results

Similar Description - VS-20CTQ150-1PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
   High Performance Schottky Rectifier
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com